Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
32
Standby mode 1 is achieved by powering down everything except the VMID source and gives a very
low power sleep mode. Wake-up may require a few milliseconds to ensure that the VREF voltage
has stabilized.
Standby mode 2 is achieved by not powering down VMID and VREF. The WM8737L can awaken
instantly from standby mode 2 because VREF is already stable.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
VMID
0
VMID (necessary for all other functions)
7
VREF
0
VREF (necessary for all other functions)
6
AI
0
Audio Interface
5
PGL
0
PGA Left
4
PGR
0
PGA Right
3
ADL
0
ADC Left
2
ADR
0
ADC Right
R6 (06h)
Power
Manageme
nt
1:0
MICBIAS
00
see “Microphone Bias” section
R2 (02h)
4
LMBE
0
Mic Boost Left (see “Input Signal Path”)
R3 (03h)
4
RMBE
0
Mic Boost Right (see “Input Signal Path”)
Notes: All control bits are 0=OFF, 1=ON
Table 20 Power Management
REGISTER MAP
REGISTER
ADDRESS
(BIT 15 – 9)
REMARKS
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
R0 (00h)
0000000
Left PGA
LVU
LINVOL [7:0]
R1 (01h)
0000001
Right PGA
RVU
RINVOL [7:0]
R2 (02h)
0000010
Audio Path L
LINSEL
LMICBOOST
LMBE
LMZC
LPZC
LZCTO[1:0]
R3 (03h)
0000011
Audio Path R
RINSEL
RMICBOOST
RMBE
RMZC
RPZC
RZCTO[1:0]
R4 (04h)
0001011
3D Enhance
0
DIV2
3DLC
3DUC
3DDEPTH
3DE
R5 (05h)
0000101
ADC Control
MONOMIX
POLARITY
HPOR
0
LP
MONOUT
ADC
HPD
R6 (06h)
0000110
Power Mgmt
VMID
VREF
AI
PGL
PGR
ADL
ADR
MICBIAS
R7 (07h)
0000111
Audio Format
0
SDODIS
MS
0
LRP
WL
FORMAT
R8 (08h)
0001000
Clocking
0
AUTO
DETECT
CLK
DIV2
SR (Sample Rate Selection)
USB
Mode
R9 (09h)
0001001
Mic Preamp
Control
0
0
0
0
0
RBYPEN LBYPEN
MBCTRL[1:0]
R10 (0Ah)
0001010
Misc. biases
control
0
0
0
0
0
VMIDSEL [1:0]
LINPUT1
dc BIAS
ENABLE
RINPUT1
dc BIAS
ENABLE
R11 (0Bh)
0000100
Noise Gate
0
0
0
0
NGTH (Threshold)
0
NGAT
R12 (0Ch)
0001100
ALC1
ALCSEL
MAXGAIN
ALCL (Target Level)
R13 (0Dh)
0001101
ALC2
Reserved (must write zeros)
0
ALCZCE
HLD (Hold Time)
R14 (0Eh)
0001110
ALC3
0
DCY (Decay Time)
ATK (Attack Time)
R15 (0Fh)
0001111
Reset
RESET (writing 000000000 to this register resets all registers to their default state)
Table 21 Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com