Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
Powerdown (1)
11
AUXDAC
0
AUXDAC powerdown
1: OFF, 0: ON
15
XSLE
0
AUXDAC input selection
0: from AUXDACVAL (for DC signals)
1: from AC-Link slot selected by
AUXDACSLT (for AC signals)
14:12
AUXDAC
SLT
000
AUXDAC Input Selection
000 – Slot 5, bits 8-19 (with XSLE=1)
001 – Slot 6, bits 8-19 (with XSLE=1)
010 – Slot 7, bits 8-19 (with XSLE=1)
011 – Slot 8, bits 8-19 (with XSLE=1)
100 – Slot 9, bits 8-19 (with XSLE=1)
101 – Slot 10, bits 8-19 (with XSLE=1)
110 – Slot 11, bits 8-19 (with XSLE=1)
111 – RESERVED (do not use)
64h
AUXDAC Input
Control
11:0
AUXDAC
VAL
000h
AUXDAC Digital Input (with XSLE=0)
000h: minimum
FFFh: full-scale
15
A2H
1
Mute AUXDAC path to headphone
mixer
1: Mute, 0: No mute (ON)
14:12
A2HVOL
010
(0dB)
AUXDAC to headphone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
11
A2S
1
Mute AUXDAC path to speaker mixer
1: Mute, 0: No mute (ON)
10:8
A2SVOL
010
(0dB)
AUXDAC to speaker mixer gain
000: +6dB
… (3dB steps)
111: -15dB
7
A2M
1
Mute AUXDAC path to mono mixer
1: Mute, 0: No mute (ON)
1Ah
AUXDAC Output
Control
6:4
A2MVOL
010
(0dB)
AUXDAC to mono mixer gain
000: +6dB
… (3dB steps)
111: -15dB
Table 19 AUXDAC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com