Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
49
MONO MIXER
The mono mixer drives the MONO pin. The following signals can be mixed into MONO:
•
LINEL/R (controlled by register 0Ah, see “Audio Inputs”)
•
the output of the Record PGA (controlled by register 14h, see “Audio ADC”,
“Record Gain”)
•
the stereo DAC signal (controlled by register 0Ch, see “Audio DACs”)
•
the MIC signal (controlled by register 10h, see “Audio Inputs”)
•
PC_BEEP (controlled by register 16h, see “Audio Inputs”)
•
the VXDAC signal (controlled by register 18h, see “Audio DACs”)
•
the AUXDAC signal (controlled by register 12h, see “Auxiliary DAC”)
In a typical smartphone application, the MONO signal is a mix of the amplified microphone signal
(possibly with Automatic Gain Control) and (if enabled) an audio playback signal from the stereo
DAC or the auxiliary DAC.
Note that when selected the stereo input pairs LINEL/R and DACL/R are summed and attenuated by
-6dB so that 0dBFS signals on each channel sum to give a stereo mixed 0dBFS output.
When not in use the mono mixer can be powered down using the Powerdown register bit MX
(register 3Ch, bit 0).
MIXER OUTPUT INVERTERS
There are two general purpose mixer output inverters, INV1 and INV2. Each inverter can be selected
to drive HPMIXL, HPMIXR, SPKMIX, MONOMIX or { ( HPMIXL + HPMIXR ) / 2 }. The outputs of the
inverters can be used to generate complimentary signals (to drive BTL configured loads) and to
provide greater flexibility in output driver configurations. INV1 can be selected as the source for
SPKL, MONO and OUT3 and INV2 as the source for SPKR and OUT4.
The input source for each inverter is selected using INV1[2:0] and INV2[2:0] in register 1Eh (see
Table 30). When no input is selected the inverter is powered down.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:13
INV1
000 (OFF)
INV1 source select
000: ZH (OFF – no source selected)
001: MONOMIX
010: SPKMIX
011: HPMIXL
100: HPMIXR
101: HPMIXMONO
110: unused
111: Vmid
1Eh
12:10
INV2
000 (OFF)
INV2 source select
Same as INV1
Table 30 Mixer Inverter Source Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com