Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
38
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
Powerdown (1)
12
VXDAC
1
VXDAC powerdown bit
1: OFF, 0: ON
15
V2H
1
Mute VXDAC path to headphone
mixer
1: Mute, 0: No mute (ON)
14:12
V2HVOL
010
(0dB)
VXDAC to headphone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
11
V2S
1
Mute VXDAC path to speaker mixer
1: Mute, 0: No mute (ON)
10:8
V2SVOL
010
(0dB)
VXDAC to speaker mixer gain
000: +6dB
… (3dB steps)
111: -15dB
7
V2M
1
Mute VXDAC path to mono mixer
1: Mute, 0: No mute (ON)
18h
VXDAC Output
Control
6:4
V2MVOL
010
(0dB)
VXDAC to mono mixer gain
000: +6dB
… (3dB steps)
111: -15dB
Table 18 VXDAC Control
AUXILIARY DAC
AUXDAC is a simple 12-bit mono DAC. It can be used to generate DC signals (with the numeric input
written into a control register), or AC signals such as telephone-quality ring tones or system beeps
(with the input signal supplied through an AC-Link slot). In AC mode (XSLE = 1), the input data is
binary offset coded; in DC mode (XSLE = 0), there is no offset.
The analogue output of AUXDAC is routed directly into the output mixers. The signal gain into each
mixer can be adjusted at the mixer inputs using control register 12h. In slot mode (XSLE = 1), the
AUXDAC also supports variable sample rates (See “Variable Rate Audio” section).
When not in use the auxillary DAC can be powered down using the Powerdown register bit AUXDAC
(register 3Ch, bit 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com