Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
32
ATTACK (GAIN RAMP-DOWN) TIME
Attack time is the time that it takes for the PGA gain to ramp down across 90% of its range (e.g. from
27.75dB down to –15B gain). The time it takes for the recording level to return to its target value
therefore depends on both the attack time and on the gain adjustment required. If the gain
adjustment is small, it will be shorter than the attack time. The attack time can be programmed in
power-of-two (2
n) steps, from 6ms, 12ms, 24ms, etc. to 6.14s.
When operating in stereo, the peak detector takes the maximum of left and right channel peak
values, and any new gain setting is applied to both left and right PGAs, so that the stereo image is
preserved. However, the ALC function can also be enabled on one channel only. In this case, only
one PGA is controlled by the ALC mechanism, while the other channel runs independently with its
PGA gain set through the control register.
When one ADC channel is unused, the peak detector disregards that channel. The ALC function can
also operate when the two ADC outputs are mixed to mono in the digital domain, but not if they are
mixed to mono in the analogue domain, before entering the ADCs.
ALC ZERO CROSS
The ALC has a zero cross detection circuit. When enabled, the PGA gain will be updated when the
signal is at zero or after a time out period. This is controlled through the ALC enable ALCZC, register
62h bit 8, and the time out control ZCTIMEOUT, register 62h bit 10:9. The time out signal is a
function of the BITCLK period as defined in Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com