Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
64
POWER MANAGEMENT
To save power, the touchpanel digitiser and the pen-down detector can be independently disabled
when they are not used. The power consumption of the pen-down detector is normally negligible,
except when the pen is down.
The pen ADC is powered-down using PADCPD, register 3Ch bit 15.
The state of the digitiser and pen down detector is controlled by the following bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
15
PADCPD
1 = off
Pen ADC power down
15:14
PRP
00
Pen ADC/AUX ADC enable
00 – Pen digitiser off, pen detect off, no
wake-up on pen down (default)
01 – Pen digitiser powered off, pen detect
enabled, touchpanel digitiser wakes up
(changes to state 11) on pen-down
10 – Pen digitiser off, pen detect enabled,
no wake-up on pen down
11 – Pen digitiser and pen detect enabled
78h
13
RPR
0
Wake-up on pen-down mode
0: Wake-up the AC-Link only (hold
SDATAIN high until controller sends warm
reset or cold reset)
1: Wake-up the WM9713L without waiting
for a reset signal from the controller
Table 46 Touchpanel Digitiser Control (Power Management)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com