Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
21
INTEGER N MODE
The nominal output frequency of the PLL (PLL_OUT) is 98.304MHz which is divided by 4 to achieve
a nominal system clock of 24.576MHz.
The integer division ratio (N) is determined by: FPLL_out / FPLL_IN , and is set by N[3:0] and must be in
the range 5 to 12 for integer N operation (0101 = div by 5, 1100 = div by 12). Note that setting LF=1
enables a further division by 4 required for input frequencies in the range 2.048MHz – 4.096MHz.
Integer N mode is selected by setting SDM=0.
FRACTIONAL N MODE
Fractional N mode provides a divide resolution of 1/2
22 and is set by K[21:0] (register 46h, see
section PLL Register Page Address Mapping). The relationship between the required division X, the
fractional division K[21:0] and the integer division N[3:0] is:
()
N
X
K
−
= 22
2
where 0 < (X – N) < 1 and K is rounded to the nearest whole number.
For example, if the PLL_IN clock is 13MHz and the desired PLL_OUT clock is 98.304MHz then the
desired division, X, is 7.5618. So N[3:0] will be 7h and K[21:0] will be 23F488h to produce the desired
98.304MHz clock (see Table 4).
INPUT CLOCK (PLL_IN)
DESIRED
PLL
OUTPUT
(PLL_OUT)
DIVISION
REQUIRED
(X)
FRACTIONAL
DIVISION (K)
INTEGER
DIVISION (N)
2.048MHz
98.304MHz
48
0
12x4*
4.096MHz
98.304MHz
24
0
6x4*
12.288MHz
98.304MHz
8
0
8
13MHz
98.304MHz
7.5618
0.5618
7
27MHz (13.5MHz)**
98.304MHz
7.2818
0.2818
7
*Divide by 4 enabled in PLL feedback path for low frequency inputs. (LF = 1)
**Divide by 2 enabled at PLL input for frequencies > 14.4MHz > 38MHz (DIVSEL = 1, DIVCTL = 0)
Table 4 PLL Modes of Operation
PLL REGISTER PAGE ADDRESS MAPPING
The clock division control bits SPLL[6:0] and the PLL fractional N division bits are accessed through
register 46h using a sub-page address system. The 3 bit pager address allows 8 blocks of 4 bit data
words to be accessed whilst the register address is set to 46h. This means that when register
address 46h is selected a further 7 cycles of programming are required to set all of the page data
bits. Control bit allocation for these page addresses is described in Table 5.
PAGE
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
111
31:28
SPLL[6:4]
0h
110
27:24
SPLL[3:0]
0h
Clock division control bus SPLL[6:0]. Clock
divider reads this control word if PLL is
enabled
23:22
SPARE
0h
Spare control bits
101
21:20
0h
100
19:16
0h
011
15:12
0h
010
11:8
0h
001
7:4
0h
000
3:0
K[21:0]
0h
Sigma Delta Modulator control word for
fractional N division. Division resolution is
1/22
2
Table 5 Pager Control Bit Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com