Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 11 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 7Page - PULS GmbH CT10.241 Datasheet HTML 8Page - PULS GmbH CT10.241 Datasheet HTML 9Page - PULS GmbH CT10.241 Datasheet HTML 10Page - PULS GmbH CT10.241 Datasheet HTML 11Page - PULS GmbH CT10.241 Datasheet HTML 12Page - PULS GmbH CT10.241 Datasheet HTML 13Page - PULS GmbH CT10.241 Datasheet HTML 14Page - PULS GmbH CT10.241 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
13. EMC
The power supply is suitable for applications in industrial environment as well as in residential, commercial and light
industry environment without any restrictions. The CE mark indicates conformance with EMC guideline 89/336/EC,
93/68/EC and 2004/108/EC and the low-voltage directive (LVD) 73/23/EC and 2006/95/EC. A detailed EMC report is
available on request.
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L1
L2, L2
L3,
L1
L3
2kV
Criterion A
Surge voltage on input
EN 61000-4-5
L1 / L2 / L3
PE
4kV
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
PE
500V
500V
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Mains voltage dips
(Dips on three phases)
EN 61000-4-11
0% of 380Vac
0% of 480Vac
0Vac, 20ms
0Vac, 20ms
Criterion A
Criterion A
Mains voltage dips
(Dips on two phases)
EN 61000-4-11
40% of 380Vac
40% of 480Vac
70% of 380Vac
70% of 480Vac
200ms
200ms
500ms
500ms
Criterion A
Criterion A
Criterion A
Criterion A
Voltage interruptions
EN 61000-4-11
0Vac, 5000ms
Criterion C
Voltage sags
SEMI F47 0706
Dips on two phases according to section 7.2.
of the SEMI F47 standard
80% of 380Vac
70% of 380Vac
50% of 380Vac
1000ms
500ms
200ms
Criterion A
Criterion A
Criterion A
Powerful transients
VDE 0160
over entire load range
1550V, 1.3ms
Criterion A
Criterions:
A:
Power supply shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. Power supply may shut-down and restarts by itself. No damage or hazards for the power supply
will occur.
EMC Emission
Generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B, input lines
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
fulfilled
Voltage fluctuations, flicker
EN 61000-3-3
fulfilled
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching frequency
Variable between 60kHz and 140kHz depending on load and input voltage
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com