Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 9Page - PULS GmbH CT10.241 Datasheet HTML 10Page - PULS GmbH CT10.241 Datasheet HTML 11Page - PULS GmbH CT10.241 Datasheet HTML 12Page - PULS GmbH CT10.241 Datasheet HTML 13Page - PULS GmbH CT10.241 Datasheet HTML 14Page - PULS GmbH CT10.241 Datasheet HTML 15Page - PULS GmbH CT10.241 Datasheet HTML 16Page - PULS GmbH CT10.241 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
15. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits *)
Output over-voltage protection
typ. 30.5Vdc
max. 32Vdc
In case of an internal power supply defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
output shut-down with automatic restart
Input transient protection
MOV (Metal Oxide Varistor) and active transient filter
Internal input fuse
3x T3.15A H.B.C.
not user replaceable
*)
In case of a protection event, audible noise may occur.
16. SAFETY FEATURES
Input / output separation *)
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 50178, IEC 62103, IEC 60364-4-41
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 5MOhm
input to output, 500Vdc
PE resistance
< 0.1Ohm
Touch current (leakage current)
typ. 0.17mA
3x 400Vac, 50Hz, TN mains
typ. 0.24mA
3x 480Vac, 60Hz, TN mains
< 0.22mA
3x 440Vac, 50Hz, TN mains
< 0.31mA
3x 528Vac, 60Hz, TN mains
*)
Double or reinforced insulation
17. DIELECTRIC STRENGTH
The output voltage is floating and has no ohmic connection to the ground. Type and factory tests are conducted by
the manufacturer. Field tests may be conducted in the field using the appropriate test equipment which applies the
voltage with a slow ramp (2s up and 2s down). Connect all phase-terminals together as well as all output poles before
conducting the test. When testing, set the cut-off current settings to the value in the table below.
Fig. 17-1 Dielectric strength
A
B
C
Type test
60s
2500Vac
3000Vac
500Vac
Factory test
5s
2500Vac
2500Vac
500Vac
Field test
5s
2000Vac
2000Vac
500Vac
Cut-off current setting
> 10mA
> 10mA
> 30mA
A
C
B
L1
Input
Earth
Output
-
+
L3
L2
To fulfill the PELV requirements according to EN60204-1 § 6.4.1, we
recommend that either the + pole, the – pole or any other part of
the output circuit shall be connected to the protective earth
system. This helps to avoid situations in which a load starts
unexpectedly or can not be switched off when unnoticed earth
faults occur.
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com