Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 4Page - PULS GmbH CT10.241 Datasheet HTML 5Page - PULS GmbH CT10.241 Datasheet HTML 6Page - PULS GmbH CT10.241 Datasheet HTML 7Page - PULS GmbH CT10.241 Datasheet HTML 8Page - PULS GmbH CT10.241 Datasheet HTML 9Page - PULS GmbH CT10.241 Datasheet HTML 10Page - PULS GmbH CT10.241 Datasheet HTML 11Page - PULS GmbH CT10.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
3AC 400V
3AC 480V
Efficiency
typ.
92.8%
92.9%
at 24V, 10A, 3-phase operation
typ.
92.4%
92.6%
at 24V, 10A, when using only two legs of a 3-
phase system, see also chapter 23.6.
Average efficiency *)
typ.
92.2%
92.0%
25% at 2.5A, 25% at 5A, 25% at 7.5A. 25% at
10A, 3-phase operation
Power losses
typ.
2.3W
2.6W
at 0A, 3-phase operation
typ.
18.6W
18.3W
at 24V, 10A, 3-phase operation
typ.
23.5W
22.8W
at 24V, 12A, 3-phase operation
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1
Efficiency vs. output current at 24V,
typ., 3-phase operation
Fig. 8-2
Losses vs. output current at 24V,
typ., 3-phase operation
Efficiency
2
90
91
92
89
93%
12A
48
10
Output Current
6
3x480Vac
3x400Vac
Power Losses
024
8
10
12A
0
3
9
12
18
21
24W
Output Current
6
6
15
3x480Vac
3x400Vac
3x480Vac
3x400Vac
Fig. 8-3
Efficiency vs. input voltage at 24V,
10A, typ., 3-phase operation
Fig. 8-4
Losses vs. input voltage at 24V, 10A,
typ., 3-phase operation
Efficiency
350
400
450
500 3x550
Vac
92.0
92.2
92.4
92.6
Input Voltage
92.8
93.0
93.2%
Power Losses
350
400
450
500 3x550
Vac
17.0
17.5
18.0
18.5
Input Voltage
19.0
19.5
20W
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com