Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 1 Page - PULS GmbH

  CT10.241 Datasheet HTML 1Page - PULS GmbH CT10.241 Datasheet HTML 2Page - PULS GmbH CT10.241 Datasheet HTML 3Page - PULS GmbH CT10.241 Datasheet HTML 4Page - PULS GmbH CT10.241 Datasheet HTML 5Page - PULS GmbH CT10.241 Datasheet HTML 6Page - PULS GmbH CT10.241 Datasheet HTML 7Page - PULS GmbH CT10.241 Datasheet HTML 8Page - PULS GmbH CT10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
POWER SUPPLY
3AC 380-480V Wide-range Input
2 or 3-Phase Operation Possible
Width only 62mm
Efficiency up to 92.9% Due to Synchronous Rectifier
Excellent Partial Load Efficiency
20% Output Power Reserves
Easy fuse tripping Due to High Overload Current
Input -Transient Blanking Circuit Included
Minimal Inrush Current Surge
Three Input Fuses Included
Current Sharing Feature for Parallel Use
Full Power Between -25°C and +60°C
3 Year Warranty
1/22
GENERAL DESCRIPTION
The Dimension C-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Series is part of the DIMENSION
power supply family. The most outstanding features of
CT10.241 are the high efficiency, electronic inrush
current limitation, active input transient filter and wide
operational temperature range. The small size is
achieved by a synchronous rectification and further
technological design details.
The C-Series includes all the essential basic functions.
The devices have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C. Additionally, the CT10.241 can deliver 3
times the nominal output current for 10ms which helps
to trip fuses on faulty output branches.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24-28V
Output current
10 – 8.6A
ambient <60°C
12 – 10.3A
ambient <45°C
Output power
240W
ambient <60°C
288W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 380-480V
-15%/+20%
Mains frequency
50-60Hz
±6%
AC Input current
0.7 / 0.6A
at 3x400 / 480Vac
Power factor
0.53 / 0.52
at 3x400 / 480Vac
AC Inrush current
typ. 4A peak
Efficiency
92.8 / 92.9%
at 3x400 / 480Vac
Losses
18.6 / 18.3W
at 3x400 / 480Vac
Temperature range -25°C to +70°C
operational
Derating
6W/°C
+60 to +70°C
Hold-up time
typ. 34 / 54ms
at 3x400 / 480Vac
Dimensions
62x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
CT10.241
24-28V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Decoupling module
UF20.241
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Marine, pending
EMC, LVD
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CT10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT10.481 PULS-CT10.481 Datasheet
694Kb / 22P
48V, 5A, THREE PHASE INPUT
More results

Similar Description - CT10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
24V, 10A, 240W, SINGLE PHASE
logo
Monolithic Power System...
MP6631 MPS-MP6631 Datasheet
1Mb / 27P
24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver
Rev. 1.1 2/21/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com