Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 14Page - PULS GmbH CT10.241 Datasheet HTML 15Page - PULS GmbH CT10.241 Datasheet HTML 16Page - PULS GmbH CT10.241 Datasheet HTML 17Page - PULS GmbH CT10.241 Datasheet HTML 18Page - PULS GmbH CT10.241 Datasheet HTML 19Page - PULS GmbH CT10.241 Datasheet HTML 20Page - PULS GmbH CT10.241 Datasheet HTML 21Page - PULS GmbH CT10.241 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
23.10.DAISY CHAINING OF OUTPUTS
Daisy chaining (jumping from one power supply output to the next) is allowed as long as the average output current
through one terminal pin does not exceed 25A. If the current is higher, use a separate distribution terminal block.
Fig. 23-8 Daisy chaining of outputs
Fig. 23-9 Using distribution terminals
Power
Supply
+ +
- -
Input
Output
Load
+
-
max 25A!
Power
Supply
+ +
- -
Input
Output
Load
+
-
Distribution
Terminals
Power
Supply
+ +
- -
Input
Output
Power
Supply
+ +
- -
Input
Output
23.11.SERIES OPERATION
Unit B
-
+
Load
+
-
AC
DC
AC
DC
-
+
Unit A
Earth
(see notes)
Power supplies of the same type can be connected in series for higher output
voltages. It is possible to connect as many units in series as needed, providing
the sum of the output voltage does not exceed 150Vdc. Voltages with a
potential above 60Vdc are not SELV any more and can be dangerous. Such
voltages must be installed with a protection against touching. Earthing of the
output is required when the sum of the output voltage is above 60Vdc. Avoid
return voltage (e.g. from a decelerating motor or battery) which is applied to
the output terminals. Keep an installation clearance of 15mm (left / right)
between two power supplies and avoid installing the power supplies on top of
each other. Pay attention that leakage current, EMI, inrush current, harmonics
will increase when using multiple power supplies.
23.12.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. In such situations, the inside temperature defines the ambient temperature for the power supply.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The power supply is placed in the middle of the box, no other heat producing items are inside the box
Enclosure:
Rittal Typ IP66 Box PK 9519 100, plastic, 180x180x165mm
Load:
24V, 8A; (=80%) load is placed outside the box
Input:
3x 400Vac
Temperature inside enclosure:
48.4°C (in the middle of the right side of the power supply with a distance of 2cm)
Temperature outside enclosure: 24.5°C
Temperature rise:
23.9K
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com