Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.241 Datasheet(PDF) 12 Page - PULS GmbH

Part # CT10.241
Description  24V, 10A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.241 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CT10.241 Datasheet HTML 8Page - PULS GmbH CT10.241 Datasheet HTML 9Page - PULS GmbH CT10.241 Datasheet HTML 10Page - PULS GmbH CT10.241 Datasheet HTML 11Page - PULS GmbH CT10.241 Datasheet HTML 12Page - PULS GmbH CT10.241 Datasheet HTML 13Page - PULS GmbH CT10.241 Datasheet HTML 14Page - PULS GmbH CT10.241 Datasheet HTML 15Page - PULS GmbH CT10.241 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
CT10.241
C-Series
24V, 10A, THREE PHASE INPUT
14. ENVIRONMENT
Operational temperature *)
-25°C to +70°C (-13°F to 158°F)
reduce output power according Fig. 14-1
Storage temperature
-40 to +85°C (-40°F to 185°F)
for storage and transportation
Output de-rating
3.2W/°C
45-60°C (113°F to 140°F)
6W/°C
60-70°C (140°F to 158°F)
Humidity **)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20 000ft)
reduce output power or ambient temperature
above 2000m sea level.
Altitude de-rating
15W/1000m or 5°C/1000m
above 2000m (6500ft), see Fig. 14-2
Over-voltage category
III
IEC 62103, EN 50178, altitudes up to 2000m
II
altitudes from 2000m to 6000m
Degree of pollution
2
IEC 62103, EN 50178, not conductive
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Do not energize while condensation is present
Fig. 14-1 Output current vs. ambient temp.
Fig. 14-2 Output current vs. altitude at 24V
0
-25
0
20
40
70°C
2
4
6
8
10
12A
60
Ambient Temperature
continuous
short
term
Allowable Output
Current at 24V
0
0
2000
4000
6000m
2
4
6
8
10
12A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
C
B
A
short term
Allowable Output
Current at 24V
Jan. 2010 / Rev. 1.3 DS-CT10.241-EN
All parameters are specified at 24V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com