Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button BTM430 Datasheet HTML 7Page - Laird Tech Smart Technology BTM430 Datasheet HTML 8Page - Laird Tech Smart Technology BTM430 Datasheet HTML 9Page - Laird Tech Smart Technology BTM430 Datasheet HTML 10Page - Laird Tech Smart Technology BTM430 Datasheet HTML 11Page - Laird Tech Smart Technology BTM430 Datasheet HTML 12Page - Laird Tech Smart Technology BTM430 Datasheet HTML 13Page - Laird Tech Smart Technology BTM430 Datasheet HTML 14Page - Laird Tech Smart Technology BTM430 Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
11
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
3.3
Reflow Parameters
Laird Technologies surface mount modules are designed to be easily manufactured including reflow soldering
to a PCB. Ultimately it is the responsibility of the customer to choose the appropriate solder paste and to
ensure oven temperatures during reflow meet the requirements of the solder paste. Laird Technologies’
surface mount modules conform to J-STD-020D1 standards for reflow temperatures.
Important: During reflow, modules should not be above 260° and not for more than 30 seconds.
Figure 2: Recommended Reflow Temperature
Temperatures should not exceed the minimums or maximums presented in Table 6.
Table 6: Recommended Maximum and minimum temperatures
Recommended Max & Min's
SPECIFICATION
VALUE
UNIT
Temperature Inc./Dec. Rate (max)
3
°C / Sec
Temperature Decrease rate (goal)
2-3
°C / Sec
Soak Temp Increase rate (goal)
.5 - 1
°C / Sec
Flux Soak Period (Min)
60
Sec
Flux Soak Period (Max)
90
Sec
Flux Soak Temp (Min)
150
°C
Flux Soak Temp (max)
190
°C
Time Above Liquidous (max)
60
Sec
Time Above Liquidous (min)
20
Sec
Time In Target Reflow Range (goal)
30
Sec
Time At Absolute Peak (max)
30
Sec
Liquidous Temperature (SAC305)
217
°C
Lower Target Reflow Temperature
225
°C
Upper Target Reflow Temperature
250
°C
Absolute Peak Temperature
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com