Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button BTM430 Datasheet HTML 2Page - Laird Tech Smart Technology BTM430 Datasheet HTML 3Page - Laird Tech Smart Technology BTM430 Datasheet HTML 4Page - Laird Tech Smart Technology BTM430 Datasheet HTML 5Page - Laird Tech Smart Technology BTM430 Datasheet HTML 6Page - Laird Tech Smart Technology BTM430 Datasheet HTML 7Page - Laird Tech Smart Technology BTM430 Datasheet HTML 8Page - Laird Tech Smart Technology BTM430 Datasheet HTML 9Page - Laird Tech Smart Technology BTM430 Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
6
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Categories
Feature
Implementation
SPP Serial Port Profile
DUN Dial Up Networking
FTP Client
OBEX Push client
HSP Headset Profile
HFP HandsFree Profile
Firmware Upgrade
Available over UART
Connection Modes
Point to point (cable replacement)
Command Interface
AT Instructions set
Multipoint Capabilities
Comprehensive control of connection and module
operation S Registers for non-volatile storage of
parameters
Current Consumption Data Transfer
Typically 32mA
Low Power Sniff Mode
Less than 2.5mA
Supply Voltage
Supply
3.0V – 3.3V DC
I/O
1.7V – 3.3V DC (independent of Supply)
USB & UART
1.7V – 3.6V DC (independent of Supply)
Coexistence /
Compatibility
WLAN (802.11)
2-wire and 3-wire hardware coexistence
schemes supported
Connections
Interface
Surface Mount Pads
External Antenna
(BTM430)
Pad for 50 Ohm antenna
Physical
Dimensions
12.5mm x 18.0 x 3.4mm BTM430
12.5mm x 22.0mm x 3.4mm BTM431
Weight
3 grams
Environmental
Operating Temperature
-30°C to +70°C
Storage Temperature
-40°C to +85°C
Approvals
Bluetooth
Qualified as an END product
FCC
Limited Modular Approval (BTM430)
Full Modular Approval (BTM431)
CE & R&TTE
Meets CE and R&TTE requirements
Miscellaneous
Lead free
Lead-free and RoHS compliant
Warranty
1-Year Warranty
Development Tools
Development Kit
Development board and software tools
DVK-BTM430 (Dev Kit with BTM430 module fitted)
DVK-BTM431 (Dev Kit with BTM431 module fitted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com