Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 23 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 23 Page - Laird Tech Smart Technology

Back Button BTM430 Datasheet HTML 17Page - Laird Tech Smart Technology BTM430 Datasheet HTML 18Page - Laird Tech Smart Technology BTM430 Datasheet HTML 19Page - Laird Tech Smart Technology BTM430 Datasheet HTML 20Page - Laird Tech Smart Technology BTM430 Datasheet HTML 21Page - Laird Tech Smart Technology BTM430 Datasheet HTML 22Page - Laird Tech Smart Technology BTM430 Datasheet HTML 23Page - Laird Tech Smart Technology BTM430 Datasheet HTML 24Page - Laird Tech Smart Technology BTM430 Datasheet HTML 25Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
23
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
7 ORDERING INFORMATION
Part Number
Description
BTM430
Bluetooth AT Data Module (external antenna)
BTM431
Bluetooth AT Data Module (with integrated antenna)
DVK – BTM430
Development board with BTM430 module soldered in place
DVK – BTM431
Development board with BTM431 module soldered in place
7.1
General Comments
This is a preliminary datasheet. Please check with Laird Technologies for the latest information before
commencing a design. If in doubt, ask.
Refer to the schematic BTDMD-R-001.pdf for the Development Kit on the following two pages for examples of
typical pin connections. A pdf of the schematic can be downloaded from the product
web page.
8 BLUETOOTH SIG QUALIFICATION
The BTM430 and BTM431 modules are listed on the Bluetooth SIG website as qualified End Products.
Design
Name
Owner
Declaration
ID
Link to listing on the SIG website
BTM430,
BTM431
Laird
Technologie
s
B016510
https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=16510
It is a mandatory requirement of the Bluetooth Special Interest Group (SIG) that every product implementing
Bluetooth technology has a Declaration ID. Every Bluetooth design is required to go through the qualification
process, even when referencing a Bluetooth Design that already has its own Declaration ID. The Qualification
Process requires each company to registered as a member of the Bluetooth SIG – www.bluetooth.org
The following link provides a link to the Bluetooth Registration page:
https://www.bluetooth.org/login/register/
For each Bluetooth Design it is necessary to purchase a Declaration ID. This can be done before starting the
new qualification, either through invoicing or credit card payment. The fees for the Declaration ID will depend
on your membership status, please refer to the following webpage:
https://www.bluetooth.org/en-us/test-qualification/qualification-overview/fees
For a detailed procedure of how to obtain a new Declaration ID for your design, please refer to the following
SIG document:
https://www.bluetooth.org/DocMan/handlers/DownloadDoc.ashx?doc_id=283698&vId=317486
To start the listing, go to: https://www.bluetooth.org/tpg/QLI_SDoc.cfm
In step 1, select the option, Reference a Qualified Design and enter 16510 in the End Product table entry. You
can then select your pre-paid Declaration ID from the drop down menu or go to the Purchase Declaration ID
page, (please note that unless the Declaration ID is pre-paid or purchased with a credit card, it will not be
possible to proceed until the SIG invoice is paid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com