Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button BTM430 Datasheet HTML 9Page - Laird Tech Smart Technology BTM430 Datasheet HTML 10Page - Laird Tech Smart Technology BTM430 Datasheet HTML 11Page - Laird Tech Smart Technology BTM430 Datasheet HTML 12Page - Laird Tech Smart Technology BTM430 Datasheet HTML 13Page - Laird Tech Smart Technology BTM430 Datasheet HTML 14Page - Laird Tech Smart Technology BTM430 Datasheet HTML 15Page - Laird Tech Smart Technology BTM430 Datasheet HTML 16Page - Laird Tech Smart Technology BTM430 Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
13
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
4.2
BTM431 FCC and Industry Canada Statements
The user manual must show the following statements:
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions: (1)
This device may not cause harmful interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
Changes or modifications not expressly approved by the party responsible for compliance could void the
user’s authority to operate the equipment.
To comply with the FCC RF exposure compliance requirements, this device and its antenna must not be
co-located or operating to conjunction with any other antenna or transmitter.
Considerations for OEM integration:
To inherit the modular approval, the antennas for this transmitter must be installed to provide a separation
distance of at least 20 cm from all persons and must not be co-located or operating in conjunction with any
other antenna or transmitter.
Co-location with other radio transmitting devices operating concurrently in the same band will require
additional testing and certification.
Designers should note the distinction that the FCC makes regarding portable and mobile devices. Mobile
devices are defined as products that are not used closer than 20cm to the human body, whereas portable
devices can be used closer that 20cm to the body. A device may be used in portable exposure conditions with
no restrictions on host platforms when the averaged output power is less than the low power threshold for an
uncontrolled environment ≤ 60/f (GHz) i.e. 25 mW for a 2.4 GHz device. The Maximum Power Exposure for
the BTM431 has been evaluated and found to comply with the low power threshold for an uncontrolled
environment.
Refer to FCC document KDB 447498 for more information on RF exposure procedures and equipment
authorization policies for mobile and portable devices.
FCC Labelling requirement
If the FCC ID is not visible when the module is installed inside another device, then the outside of the device
into which the module is installed must also display a label referring to the enclosed module. This exterior
label can use wording such as the following: “Contains Transmitter Module FCC ID: PI4411B” or “Contains FCC
ID: PI4411B.” Any similar wording that expresses the same meaning may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com