Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 4 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 4 Page - Laird Tech Smart Technology

  BTM430 Datasheet HTML 1Page - Laird Tech Smart Technology BTM430 Datasheet HTML 2Page - Laird Tech Smart Technology BTM430 Datasheet HTML 3Page - Laird Tech Smart Technology BTM430 Datasheet HTML 4Page - Laird Tech Smart Technology BTM430 Datasheet HTML 5Page - Laird Tech Smart Technology BTM430 Datasheet HTML 6Page - Laird Tech Smart Technology BTM430 Datasheet HTML 7Page - Laird Tech Smart Technology BTM430 Datasheet HTML 8Page - Laird Tech Smart Technology BTM430 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
4
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
1
OVERVIEW AND KEY FEATURES
The BTM430 and BTM431 Bluetooth® modules from Laird Technologies have been designed to meet the
needs of developers who wish to add robust, short range Bluetooth data connectivity to their products. They
are based on the market leading Cambridge Silicon Radio BC04 chipset, providing exceptionally low power
consumption with outstanding range.
With physical sizes as small as 12.5 x 18.0mm and best of class, low-power operation, these modules are the
ideal choice for applications where designers need both performance and minimum size. For maximum
flexibility in systems integration, the modules are designed to support a separate power supply for I/O.
To aid product development and integration, Laird Technologies has integrated a complete Bluetooth
protocol stack within the modules, including support for the Bluetooth Serial Port Profile. The modules are
fully qualified as Bluetooth End Products, allowing designers to integrate them within their own products with
no further Bluetooth Qualification. They can then list and promote their products on the Bluetooth website
free of charge.
A comprehensive AT command interface is included, which simplifies firmware integration. Combined with a
low cost developer’s kit, this ensures that the choice of Laird Technologies Bluetooth modules guarantees the
fastest route to market.
1.1 FEATURES AND BENEFITS
Bluetooth® v2.0+EDR
Adaptive Frequency Hopping to cope with
interference from other wireless devices
External or internal antenna options
Comprehensive AT interface
for simple programming
Bluetooth® END Product Qualified
Compact size
Class 2 output – 4dBm
Low power operation
UART interface
PCM and SCO for external codec
GPIO lines under AT control
Support for multiple profiles
Wi-Fi co-existence
1.2 APPLICATIONS
Embedded Devices
Phone Accessories
Security Devices
Medical and Wellness Devices
Automotive Applications
Bluetooth Advertising
ePOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com