Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # BTM430
Description  modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  BTM430 Datasheet HTML 1Page - Laird Tech Smart Technology BTM430 Datasheet HTML 2Page - Laird Tech Smart Technology BTM430 Datasheet HTML 3Page - Laird Tech Smart Technology BTM430 Datasheet HTML 4Page - Laird Tech Smart Technology BTM430 Datasheet HTML 5Page - Laird Tech Smart Technology BTM430 Datasheet HTML 6Page - Laird Tech Smart Technology BTM430 Datasheet HTML 7Page - Laird Tech Smart Technology BTM430 Datasheet HTML 8Page - Laird Tech Smart Technology BTM430 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
BTM430/431
Bluetooth® AT Data Module Datasheet
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
5
Laird Technologies
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2
SPECIFICATIONS
2.1 Detailed Specifications
Table 1: Detailed specifications
Categories
Feature
Implementation
Wireless Specification Bluetooth®
Version 2.0+EDR
Transmit Class
Class 2
Frequency
2.402 – 2.480 GHz
Channels
79 channels Frequency Hopping
Adaptive Frequency Hopping
Max Transmit Power
+4 dBm at antenna pad – BTM430
+4 dBm from integrated antenna – BTM431
Min Transmit Power
-27 dBm at antenna pad – BTM430
-27 dBm from integrated antenna – BTM431
Receive Sensitivity
-84dBm
Range
30m
Data Transfer Rate
Up to 300 kbps
Antenna Modes
External Antenna
50 Ohm matched SMT pad – BTM430
Integrated Antenna
(option)
+0dBi multilayer ceramic – BTM431
UART Interface
Serial Interface
RS-232 bi-directional for commands and data
16550 compatible
Baud Rate
Configurable from 1,200 to 921,600bps Non-standard
baud rates supported
Bits
8
Parity
Odd, even, none
Stop bits
1
Default Serial parameters
9600,n,8,1
Levels
Set by VDD_USB input
Modem Control
DTR, DSR, DCD, RI, RTS, CTS
General Purpose
Interface
I/O
8 general purpose I/O pins
Audio
Support
1 PCM channel @ 64kbps
SCO Channels
Support SCO and eSCO
PCM Interface
Configurable as master or slave
8 bit A-law
8 bit µ-law
13 bit linear
PCM Clock available when in slave mode
Protocols and
Firmware
Bluetooth Stack
V2.0 compliant. Fully integrated.
Profiles
GAP Generic Access Profile
SDP Service Discovery Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com