Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 1 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 1 Page - PULS GmbH

  PISA11.CLASS2 Datasheet HTML 1Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 2Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 3Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 4Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 5Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 6Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 7Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 8Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
PROTECTION MODULE
One Input and Four Current Controlled Outputs
NEC Class 2 Compliant Outputs
Ensures Sufficient Supply Voltage for Critical Loads
even in the Event of an Fault
Protects Small Cable Sizes against Overload
Hassle-free Turn-on of Loads with Large Input
Capacitors
Wide Temperature Range between -25°C and +70°C
On/Off Function of Outputs
Compact Design, Width only 45mm
Remote Monitoring and Control Functions
3 Year Warranty
1/19
GENERAL DESCRIPTION
This protection module fulfills two basic functions. First it
distributes the current of a large (non NEC Class 2) power
source to four NEC CLASS 2 output channels and therefore
allows for a simpler wiring method and easier approval
process of the entire machine. The second function is to
permit only so much current on the outputs that the input
voltage of this unit (which corresponds to the output
voltage of the power supply) does not fall below 21V.
This ensures a safe and an uninterrupted supply voltage for
sensitive equipments, such as PLCs, controls or sensors, when
they
are
connected
directly to the
same
power
supply as the
PISA
module.
Less
critical
loads that are
not affected to short voltage interruptions or that could
even be the cause of a fault on the 24V power supply are
connected to one of the four NEC CLASS 2 output channels
of the PISA module.
SHORT-FORM DATA
Input voltage
DC 24V
Input voltage
range
18 - 30V
Input current
typ. 43mA
At no load
Number of outputs
4
Output currents
4x 3.7A at 24V
4x 3.2A at 28V
Input voltage
protection levels
typ. 21.4V
Temperature range -25°C to +70°C
Operational
-40°C to +85°C
Storage
Type of current
limitation
Active current limitation followed
by a shutdown
Dimensions
45x75x91mm *) WxHxD
Non NEC CLASS 2 Load
DC 24V
Power
y
*) Add 13mm in depth for signal connector.
ORDER NUMBERS
Protection
PISA11.CLASS2
4x NEC CLASS 2
module
outputs
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
UL 2367
IEC 60950-1
NEC CLASS 2
EMC, LVD
ATEX
II 3G EX nA nC IIC T4
Class I Div 2
Marine
Suppl
NEC CLASS 2 Circuit 2
NEC CLASS 2 Circuit 3
NEC CLASS 2 Circuit 4
NEC CLASS 2 Circuit 1
A1
A2
A4
A3
PISA Protection Module
Safeguard
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany


Similar Part No. - PISA11.CLASS2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
PROTECTION MODULE 24V, 4 OUTPUTS
More results

Similar Description - PISA11.CLASS2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
PROTECTION MODULE 24V, 4 OUTPUTS
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
BATTERY MODULE 24V, 7AH
logo
Semtech Corporation
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
1-Line, 24V ESD Protection
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
BATTERY MODULE 24V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
BATTERY MODULE 24V, 12AH
logo
Taiwan Semiconductor Co...
TESD24VS2BT TSC-TESD24VS2BT Datasheet
189Kb / 5P
200W, 24V ESD Protection Array
logo
Schneider Electric
BMXDDO3202KC SCHNEIDER-BMXDDO3202KC Datasheet
222Kb / 5P
discrete output module X80 - 32 outputs - solid state - 24V DC positive - severe
Apr 18, 2022
XPSUAT13A3AC SCHNEIDER-XPSUAT13A3AC Datasheet
220Kb / 6P
Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, spring
Jan 13, 2022
XPSUAT13A3AP SCHNEIDER-XPSUAT13A3AP Datasheet
221Kb / 6P
Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, screw
Jan 12, 2022
logo
NHP Electrical Engineer...
5069-OBV8S NHP-5069-OBV8S Datasheet
529Kb / 1P
COMPACT 5000 SAFETY I/O 8 BIPOLAR OUTPUTS 24V DC MODULE
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com