Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 10 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 10 Page - PULS GmbH

Back Button PISA11.CLASS2 Datasheet HTML 6Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 7Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 8Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 10Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 11Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 12Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 13Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram
Output
Current
Monitor
+ Output 1
Reset,
ON/OFF
Safeguard
for Minimum
Input Voltage
-
-
+
Failure
+ Output 2
Failure
+ Output 3
Failure
+ Output 4
Failure
I Sense
I Sense
I Sense
I Sense
Current
Limiter &
Shut-down
Manager
Input
Status
12
11
13
14
Outputs-
OK
Contact
Input
Reset,
ON/OFF
Reset,
ON/OFF
(+)
(-)
Output
OK
Synchro-
nization
15
16
Sync.
I Sense
Redundant
Emergency
Switch
NEC-CLASS-2
Controller
12. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the PISA11 protection module. This feature
is also called return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
The protection module is resistant and does not show malfunctioning when a load feeds back voltage up to 30Vdc to
the protection module. It does not matter whether the protection module is on or off.
The protection module has no capability to absorb energy. Internal diodes (integrated body diodes of the Mosfets)
directs the voltage and energy to the power supply, which is connected on the input side of the protection module.
The power supply defines the amount of energy which can be absorbed.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com