Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 7 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 7 Page - PULS GmbH

Back Button PISA11.CLASS2 Datasheet HTML 3Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 4Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 5Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 6Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 7Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 8Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 10Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
Shutdown behavior to avoid under-voltage situations on the supply voltage
A further limitation of the output current activates when the supplying power source can not deliver enough current
to support all loads without bringing the power source into overload followed by a voltage drop. In such an event, the
voltage dependent current limitation of the input stage of the protection module is activated (safeguard circuit). This
safeguard circuit acts like a valve only permitting so much current so that the supply voltage does not fall below 21V.
The period of time for how long the protection circuit is able to actively limit the current depends on the difference
between input and output voltage and the current which flows through the PISA protection module and is limited to
a maximum of 5s. All four outputs will shutdown simultaneously.
Shutdown times for a short circuit condition across the outputs can be found in Fig. 6-2.
Fig. 6-2 Active current limitation – Period of time in current limiting mode until the outputs will shutdown
Adjustable
Power
Supply
+
-
Load
I= 0,8*IOUT
Short
IOUT
PISA
Module
Test Setup
IOUT
10ms
100ms
1s
10s
2A
4A
6A
8A
10A
12A
14A
16A
18A
20A
45°C
Output Current
(Sum-current of all output channels - IOUT)
Shutdown Time, typ.
5s
20°C
Test Procedure:
1.
Set the output current of the adjustable power supply to
the test current value.
2.
Set load current to 80% of the test current and wait for
a thermally stable condition.
3.
Short circuit the output of the PISA module and measure
the time until the outputs shutdown.
No single output channel is allowed to be overloaded
The output current is the sum of all outputs.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com