Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 11 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 11 Page - PULS GmbH

Back Button PISA11.CLASS2 Datasheet HTML 7Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 8Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 10Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 11Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 12Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 13Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 14Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
13. POWER LOSSES
PISA11.CLASS2
No-load losses
typ.
1.0W
Losses at typical output loads*)
typ.
1.6W
*)
Typical value when all output channels are loaded with 50% of its nominal current.
14. RELIABILITY
The PISA protection modules are extremely reliable and use only the highest quality materials. The number of critical
components such as electrolytic capacitors have been reduced.
PISA11.CLASS2
Applied load
4x1.9A
Lifetime expectancy *)
220 000h *)
at 40°C
622 000h *)
at 25°C
MTBF **) SN 29500, IEC 61709
2 198 000h
at 40°C
3 784 000h
at 25°C
MTBF **) MIL HDBK 217F, GB
734 000h
at 40°C
1 009 000h
at 25°C
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com