Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 13 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 13 Page - PULS GmbH

Back Button PISA11.CLASS2 Datasheet HTML 9Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 10Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 11Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 12Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 13Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 14Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 15Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 16Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
16. TERMINALS AND WIRING
All terminals are easy to access when mounted on the panel.
Input, outputs and signal terminals are separated from each other to help in error-free wiring.
Input and Output
Signals
Type
screw terminals
plug connector
Solid wire
0.2-6mm2
0.2-1.5mm2
Stranded wire
0.2-4mm2
0.2-1.5mm2
AWG (American Wire Gauge)
24-10 AWG
24-16 AWG
Wire stripping length
7mm / 0.28inch
6mm / 0.24inch
Screwdriver
3.5mm slotted or
Pozidrive No 2
2.5mm slotted
Recommended tightening torque
0.8Nm, 7lbs.in
0.35Nm, 3lbs.in
Instructions:
a) Use NEC Class 2 rated wires for the output
b) Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C and minimum
75°C for ambient up to 60°C and minimum
90°C for ambient up to 70°C.
c) Follow national installation codes and installation regulations!
d) Ensure that all strands of a stranded wire enter the terminal connection!
e) Screws of unused terminal compartments should be securely tightened.
f) Ferrules are allowed.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com