Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11.CLASS2 Datasheet(PDF) 16 Page - PULS GmbH

Part # PISA11.CLASS2
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11.CLASS2 Datasheet(HTML) 16 Page - PULS GmbH

Back Button PISA11.CLASS2 Datasheet HTML 11Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 12Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 13Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 14Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 15Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 16Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 17Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 18Page - PULS GmbH PISA11.CLASS2 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PISA11.CLASS2
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
19. PROTECTION FEATURES
Output over-current protection
Electronically limited
Class of protection
III
IEC 61140
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 2.5mm in diameter
E.g. screws, small parts
Over-temperature protection
Not included
Reverse polarity protection;
input voltage
Not included
Make sure that the input voltage polarity is correct
before applying the input voltage.
Internal input fuse
Not included
20. DIELECTRIC STRENGTH
The relay contact and the ON/OFF signal input are floating and have no ohmic connection to the input or output
voltage. Type and factory tests are conducted by the manufacturer.
The creepage and clearance distances between relay contacts, the ON/OFF signal input and input/output voltage are
1.3mm.
The following dielectric strength tests were conducted:
Fig. 20-1 Dielectric strength
A
B
C
Type test
60s
500Vac
500Vac
50Vac
Factory test
5s
500Vac
500Vac
-
Field test
5s
500Vac
500Vac
50Vac
Cut-off current setting
> 1mA
> 1mA
> 1mA
A
C
B
Output-ok
Contact
Reset, ON/OFF
Signal Input
Input +, -
Output (1 - 4)
Sync. (15,16)
13
14
-
+ 12
11
Type and factory tests are conducted by the manufacturer. Field tests may be conducted in the field using the
appropriate test equipment which applies the voltage with a slow ramp (2s up and 2s down). Connect all input and
output terminals together as well as all signal poles before conducting the tests. When testing, set the cut-off current
settings to the value in the table above.
May 2014 / Rev. 1.7 DS-PISA11.CLASS2 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
16/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com