Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 12 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 12 Page - PULS GmbH

Back Button YRM2.DIODE Datasheet HTML 8Page - PULS GmbH YRM2.DIODE Datasheet HTML 9Page - PULS GmbH YRM2.DIODE Datasheet HTML 10Page - PULS GmbH YRM2.DIODE Datasheet HTML 11Page - PULS GmbH YRM2.DIODE Datasheet HTML 12Page - PULS GmbH YRM2.DIODE Datasheet HTML 13Page - PULS GmbH YRM2.DIODE Datasheet HTML 14Page - PULS GmbH YRM2.DIODE Datasheet HTML 15Page - PULS GmbH YRM2.DIODE Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
15. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive 2004/108/EC,
- Low-voltage directive (LVD) 2006/95/EC and
- RoHS directive 2011/65/EU.
EC Declaration of Conformity
ATEX
The CE mark indicates conformance with the
- ATEX directive 94/9/EC (Equipment and protection systems
intended for use in potentially explosive atmospheres)
CB Scheme,
Information Technology Equipment
IEC 60950-1
UL 508
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508);
E-File: E198865
UL 60950-1
Recognized for use as Information Technology Equipment,
Level 5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950);
E-File: E137006
HazLoc (Class 1 Div 2)
ANSI / ISA 12.12.01-2007
LISTED for use in Hazardous Location Class I Div 2 T4 Groups
A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01-2007) and Canada
(C22.2 No. 213-M1987)
Suitable for use in Category 3 Zone 2 locations.
Number of ATEX certificate: EPS 11 ATEX 1 312 X
The redundancy module must be built-in in an IP54 enclosure.
ATEX
EN 60079-0, EN 60079-15
II 3G Ex nA nC IIC T4 Gc
IECEx
IEC 60079-0, IEC 60079-15
IECEx
Ex nA nC IIC T4 Gc
Suitable for use in Category 3 Zone 2 locations.
Number of IECEx certificate: IECEx EPS 12.0032X
Marine
GL (Germanischer Lloyd) classified and
ABS (American Bureau for Shipping) PDA, Environmental
category: C, EMC2, Marine and offshore applications
GOST R
Certificate of Conformity for Russia and other GUS countries
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com