Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 5 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 5 Page - PULS GmbH

  YRM2.DIODE Datasheet HTML 1Page - PULS GmbH YRM2.DIODE Datasheet HTML 2Page - PULS GmbH YRM2.DIODE Datasheet HTML 3Page - PULS GmbH YRM2.DIODE Datasheet HTML 4Page - PULS GmbH YRM2.DIODE Datasheet HTML 5Page - PULS GmbH YRM2.DIODE Datasheet HTML 6Page - PULS GmbH YRM2.DIODE Datasheet HTML 7Page - PULS GmbH YRM2.DIODE Datasheet HTML 8Page - PULS GmbH YRM2.DIODE Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
4. POWER LOSSES
DC 24V
Power losses
typ.
8.8W
input: 2x5A
typ.
9.5W
input: 1x10A
typ.
18.0W
input: 2x10A
Standby power losses
typ.
1.0W
at no output current
Fig. 4-1 Power losses
Power Losses, typ.
0
0
5
10
20
4
8
12
16
20
24W
25A
15
Output Current
5. ALARM CONTACTS
Both input voltages are monitored individually. If one input voltage is too low or completely lost, it will be indicated
by an alarm relay contact.
Each input has its own monitoring circuitry and relay contact.
Alarm threshold
nom.
21.5V (±0.5V)
Relay contact opens immediately after
the input voltage falls below this value.
Contact ratings
min.
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
input: 1x10A
max.
1mA at 5Vdc
input: 2x10A
Isolation voltage
see dielectric strength table in section 14.
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com