Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 6 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 6 Page - PULS GmbH

Back Button YRM2.DIODE Datasheet HTML 2Page - PULS GmbH YRM2.DIODE Datasheet HTML 3Page - PULS GmbH YRM2.DIODE Datasheet HTML 4Page - PULS GmbH YRM2.DIODE Datasheet HTML 5Page - PULS GmbH YRM2.DIODE Datasheet HTML 6Page - PULS GmbH YRM2.DIODE Datasheet HTML 7Page - PULS GmbH YRM2.DIODE Datasheet HTML 8Page - PULS GmbH YRM2.DIODE Datasheet HTML 9Page - PULS GmbH YRM2.DIODE Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
6. LIFETIME EXPECTANCY AND MTBF
The redundancy module has two input channels which are completely independent from each other. Each control
circuit, auxiliary voltage source, or other circuitry in the module are designed separately for each input. The dual input
redundancy module can be considered as two single redundancy modules combined together in one housing. The only
common point is the circuit trace that ties the two separate circuits together at the output.
The MTBF figures below are for the entire dual input module. If the MTBF number of only one path is needed, simply
double the value from the table.
The redundancy module does not have electrolytic capacitors included. Therefore, the lifetime expectancy is extremely
high.
Input / output
current conditions
Input: 2x10A
Output: 20A
Input: 2x5A
Output: 10A
Lifetime expectancy *)
min.
25 years
25 years
at 24V and 40°C
min.
25 years
25 years
at 24V and 25°C
MTBF **) SN 29500, IEC 61709
9 100 000h
10 900 000h
at 24V 40°C
15 700 000h
18 800 000h
at 24V 25°C
MTBF **) MIL HDBK 217F
9 200 000h
11 100 000h
at 24Vand 40°C (Ground Benign GB40)
12 600 000h
15 100 000h
at 24Vand 25°C (Ground Benign GB25)
3 380 000h
4 060 000h
at 24Vand 40°C (Ground Fixed GF40)
4 630 000h
5 570 000h
at 24Vand 25°C (Ground Fixed GF25)
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life).
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com