Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 16 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 16 Page - PULS GmbH

Back Button YRM2.DIODE Datasheet HTML 11Page - PULS GmbH YRM2.DIODE Datasheet HTML 12Page - PULS GmbH YRM2.DIODE Datasheet HTML 13Page - PULS GmbH YRM2.DIODE Datasheet HTML 14Page - PULS GmbH YRM2.DIODE Datasheet HTML 15Page - PULS GmbH YRM2.DIODE Datasheet HTML 16Page - PULS GmbH YRM2.DIODE Datasheet HTML 17Page - PULS GmbH YRM2.DIODE Datasheet HTML 18Page - PULS GmbH YRM2.DIODE Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
18.4. EXAMPLE: N+1 REDUNDANCY UP TO 30A
N+1 Redundancy up to 30A requires four 10A power supplies and two YRM2.DIODE redundancy modules.
Fig. 18-2 Wiring diagram, n+1 Redundancy, 30A output current
optional
I
I
L
N
PE
I
L N PE
10A
Power Supply
+ +
- -
24V, 10A
L N PE
10A
Power Supply
+ +
- -
24V, 10A
L N PE
10A
Power Supply
+ +
- -
24V, 10A
Failure
Monitor
30A
Load
YRM2.DIODE
+
-
OUT
+
-
IN 1
+
-
IN 2 IN 1 IN 2
YRM2.DIODE
+
-
OUT
+
-
IN 1
+
-
IN 2 IN 1 IN 2
L N PE
10A
Power Supply
+ +
- -
24V, 10A
I
optional
Note: Use separate mains systems for each power supply whenever it is possible
18.5. EXAMPLE: BATTERY BACK-UP
A battery back-up with 10A requires one 10A power supply and one YRM2.DIODE redundancy module.
Please note:
Set output voltage of power supply to 26.5Vdc minimum to ensure, that the load current is delivered from the power
supply and not from charger (battery). Use a fuse between battery and YRM2.DIODE!
Fig. 18-3 Wiring diagram, 10A Battery back-up
optional
L
N
PE
24V Battery
I
Battery
Charger
-
Failure
Monitor
10A
Load
L N PE
10A
Power Supply
+ +
- -
24V, 10A
YRM2.DIODE
+
-
OUT
+
-
IN 1
+
-
IN 2 IN 1 IN 2
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
16/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com