Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 4 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 4 Page - PULS GmbH

  YRM2.DIODE Datasheet HTML 1Page - PULS GmbH YRM2.DIODE Datasheet HTML 2Page - PULS GmbH YRM2.DIODE Datasheet HTML 3Page - PULS GmbH YRM2.DIODE Datasheet HTML 4Page - PULS GmbH YRM2.DIODE Datasheet HTML 5Page - PULS GmbH YRM2.DIODE Datasheet HTML 6Page - PULS GmbH YRM2.DIODE Datasheet HTML 7Page - PULS GmbH YRM2.DIODE Datasheet HTML 8Page - PULS GmbH YRM2.DIODE Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
3. INPUT AND OUTPUT CHARACTERISTICS
Number of inputs
-
2
Number of outputs
-
1
Input voltage
nom.
DC 24-48V
±25%
The input circuitry must meet the SELV requirements
stipulated by IEC/EN/UL 60950-1.
Input voltage range
-
18-60Vdc
Voltage drop, input to output
typ.
0.78V
at 2x5A, see Fig. 3-1
typ.
0.85V
at 1x10A, see Fig. 3-2
typ.
0.85V
at 2x10A, see Fig. 3-1
Input current
nom.
2x 0-10A
continuous
nom.
1x 0-20A
continuous, see note 1
nom.
2x 10-16A
for up to 5 seconds
Peak input current
max.
150A
for maximal 10ms per input
Output current
nom.
20A
continuous
nom.
20-32A
for up to 5 seconds
max.
25A
at continuous overload or short circuit, see note 2
Reverse current
max.
2mA
per input, -40°C to +60°C
Reverse voltage
max.
200Vdc
voltage applied to the output, continuously allowed
Note 1:
Each input can be loaded up to 20A. At currents above 10A, the other input should not be loaded. It is preferable to parallel the two
inputs in order to minimize the power loss in such cases.
Note 2:
Ensure that the continuous output current does not exceed 25A. Check the short-circuit current of the power sources and if the
power source can deliver more than 25A together, use an appropriate fuse on the output.
Fig. 3-1 Input to output voltage drop when both inputs draw current
(typical 1+1 redundant case, when the output voltages of the two units are equal or set into “parallel use” mode)
Voltage Drop, typ.
0mV
200mV
400mV
600mV
800mV
1000mV
5A
15A
20A
10A
Output:
2x5A
2x2.5A
Input:
2x10A
2x7.5A
0
0
Input, Output Current
A... 25°C
B... 60°C
A
B
V
A
QS/QT10
24V,10A
+
-
QS/QT10
24V,10A
+
-
V
A
I1
I2
U1
U2
I1
I2
=
U2
U1 =
Voltage Drop
U1
=
UOUT
-
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
YR2 / YRM2
Input 1
Input 2
Output
Fig. 3-2 Input to output voltage drop when only one input draws current
Voltage Drop, typ.
0mV
200mV
400mV
600mV
800mV
1000mV
5A
15A
20A
10A
0
Output Current
A... 25°C
B... 60°C
A
B
Voltage Drop
U1
=
UOUT
-
Not used or
power supply
with lower
voltage
V
A
QS/QT20
24V,20A
+
-
I1
U1
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
Input 1
Input 2
Output
YR2 / YRM2
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com