Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YRM2.DIODE Datasheet(PDF) 17 Page - PULS GmbH

Part # YRM2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YRM2.DIODE Datasheet(HTML) 17 Page - PULS GmbH

Back Button YRM2.DIODE Datasheet HTML 11Page - PULS GmbH YRM2.DIODE Datasheet HTML 12Page - PULS GmbH YRM2.DIODE Datasheet HTML 13Page - PULS GmbH YRM2.DIODE Datasheet HTML 14Page - PULS GmbH YRM2.DIODE Datasheet HTML 15Page - PULS GmbH YRM2.DIODE Datasheet HTML 16Page - PULS GmbH YRM2.DIODE Datasheet HTML 17Page - PULS GmbH YRM2.DIODE Datasheet HTML 18Page - PULS GmbH YRM2.DIODE Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
YRM2.DIODE
Y-Series
DC24-48V, 20A, DUAL REDUNDANCY MODULE
18.6. EXAMPLE: REDUNDANCY FOR CONTROLS
The example shows a cost effective solution to get redundant power for a PLC or controller system.
In many cases, two power supplies are used; one for the demanding loads and another one for the controls and
sensitive loads. The power supply for the demanding loads can be used as a redundant source to supply the controls.
Traditional approach:
Load
PS1
PLC
PS2
Load
PLC
PS1
PS2
YR2
Improved approach:
Fig. 18-4 Wiring diagram, redundancy for sensitive loads
Failure
Monitor
Sensitive
Load
e.g.
Controller
optional
I
I
I
L1
L2
PE
L3
I
N
Heavy
Loads
e.g. Motors
L N PE
5A
Power
Supply
+ +
- -
24V, 5A
L1 L2 L3 PE
20A
Power Supply
+ +
- -
24V, 20A
YRM2.DIODE
+
-
OUT
+
-
IN 1
+
-
IN 2 IN 1 IN 2
Note: Use separate mains systems for each power supply whenever it is possible
Apr. 2014 / Rev. 1.4 DS-YRM2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com