Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet(PDF) 63 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 63 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 59Page - Dallas Semiconductor DS21352 Datasheet HTML 60Page - Dallas Semiconductor DS21352 Datasheet HTML 61Page - Dallas Semiconductor DS21352 Datasheet HTML 62Page - Dallas Semiconductor DS21352 Datasheet HTML 63Page - Dallas Semiconductor DS21352 Datasheet HTML 64Page - Dallas Semiconductor DS21352 Datasheet HTML 65Page - Dallas Semiconductor DS21352 Datasheet HTML 66Page - Dallas Semiconductor DS21352 Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
DS21352/DS21552
63 of 137
RCC1/RCC2/RCC3: RECEIVE CHANNEL CONTROL REGISTER
(ADDRESS=1B TO 1D Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RCC1 (1B)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RCC2 (1C)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RCC3 (1D)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH24
RCC3.7
Receive Channel 24 Code Insertion Control Bit
0 = do not insert data from the RC24 register into the receive data stream
1 = insert data from the RC24 register into the receive data stream
CH1
RCC1.0
Receive Channel 1 Code Insertion Control Bit
0 = do not insert data from the RC1 register into the receive data stream
1 = insert data from the RC1 register into the receive data stream
12. PER–CHANNEL LOOPBACK
The Transmit Idle Registers (TIRs) have an alternate function that allows them to define a Per–Channel
LoopBack (PCLB). If the TIRFS control bit (CCR4.0) is set to one, then the TIRs will determine which
channels (if any) from the backplane should be replaced with the data from the receive side or in other
words, off of the T1 line. If this mode is enabled, then transmit and receive clocks and frame syncs must
be synchronized. One method to accomplish this would be to tie RCLK to TCLK and RFSYNC to
TSYNC.
13. CLOCK BLOCKING REGISTERS
The Receive Channel Blocking Registers (RCBR1/RCBR2/RCBR3) and the Transmit Channel Blocking Registers
(TCBR1/TCBR2/TCBR3) control the RCHBLK and TCHBLK pins respectively. The RCHBLK and TCHCLK pins are user
programmable outputs that can be forced either high or low during individual channels. These outputs can be used to block
clocks to a UART or LAPD controller in Fractional T1 or ISDN–PRI applications. When the appropriate bits are set to a one,
the RCHBLK and TCHCLK pins will be held high during the entire corresponding channel time. See the timing in Section 21
for an example.
RCBR1/RCBR2/RCBR3: RECEIVE CHANNEL BLOCKING REGISTERS
(Address=6C to 6E Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RCBR1 (6C)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RCBR2 (6D)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RCBR3 (6E)
SYMBOLS
POSITIONS
NAME AND DESCRIPTION
CH1-24
RCBR1.0-3.7
Receive Channel Blocking Control Bits.
0 = force the RCHBLK pin to remain low during this channel time
1 = force the RCHBLK pin high during this channel time
TCBR1/TCBR2/TCBR3: TRANSMIT CHANNEL BLOCKING REGISTERS
(Address=32 to 34 Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TCBR1 (32)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TCBR2 (33)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TCBR3 (34)
SYMBOLS
POSITIONS
NAME AND DESCRIPTION
CH1-24
TCBR1.0-3.7
Transmit Channel Blocking Control Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com