Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet(PDF) 91 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 91 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 87Page - Dallas Semiconductor DS21352 Datasheet HTML 88Page - Dallas Semiconductor DS21352 Datasheet HTML 89Page - Dallas Semiconductor DS21352 Datasheet HTML 90Page - Dallas Semiconductor DS21352 Datasheet HTML 91Page - Dallas Semiconductor DS21352 Datasheet HTML 92Page - Dallas Semiconductor DS21352 Datasheet HTML 93Page - Dallas Semiconductor DS21352 Datasheet HTML 94Page - Dallas Semiconductor DS21352 Datasheet HTML 95Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
DS21352/DS21552
91 of 137
Figure 16-6 PROTECTED INTERFACE EXAMPLE FOR THE DS21552
Note:
The 68uf cap is required to maintain VDD during a transient event.
COMPONET
DESCRIPTION
D1 – D4
Schottky Diode, International Rectifier 11DQ04
C1
0.1uf ceramic in parallel with 10uf tantalum
C2
.47 uf, non polarized ceramic construction
S
Semtech LC01-6, 6V low capacitance TVS
Fuse
Rt
Rterm
R1, R2, R3, R4
X1
X2
For more information on the selection of these components see the separate
application notes on Secondary Over Voltage Protection and T1 Network
Interface Design Criteria. These applications notes are available from Dallas
Semiconductor’s Web site at www.dalsemi.com
RTIP
RRING
TTIP
TRING
Receive
Line
DS21552
1.544MHz
MCLK
+VDD
S
C1
D1
D2
D3
D4
1:1
Fuse
Fuse
Transmit
Line
Fuse
Fuse
0.1uF
N:1
470
470
DVDD
DVSS
0.1uF
RVDD
RVSS
0.1uF
TVDD
TVSS
0.1uF
+5V
0.01uF
68uf
C2
R1
R2
R3
R4
Rt
Rt
Rterm
Rterm
X1
X2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com