Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 37Page - Dallas Semiconductor DS21352 Datasheet HTML 38Page - Dallas Semiconductor DS21352 Datasheet HTML 39Page - Dallas Semiconductor DS21352 Datasheet HTML 40Page - Dallas Semiconductor DS21352 Datasheet HTML 41Page - Dallas Semiconductor DS21352 Datasheet HTML 42Page - Dallas Semiconductor DS21352 Datasheet HTML 43Page - Dallas Semiconductor DS21352 Datasheet HTML 44Page - Dallas Semiconductor DS21352 Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 137 page
background image
DS21352/DS21552
41 of 137
CCR6: COMMON CONTROL REGISTER 6 (Address=1E Hex)
(MSB)
(LSB)
RJC
RESA
TESA
RCM4
RCM3
RCM2
RCM1
RCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
RJC
CCR6.7
Receive Japanese CRC6 Enable.
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT–G704 CRC6 calculation
RESA
CCR6.6
Receive Elastic Store Align. Setting this bit from a zero to a one will force the receive
elastic store’s write/read pointers to a minimum separation of half a frame. No action
will be taken if the pointer separation is already greater or equal to half a frame. If
pointer separation is less than half a frame, the command will be executed and the data
will be disrupted. Should be toggled after RSYSCLK has been applied and is stable.
Must be cleared and set again for a subsequent align. See section 14.3 for details.
TESA
CCR6.5
Transmit Elastic Store Align. Setting this bit from a zero to a one will force the
transmit elastic store’s write/read pointers to a minimum separation of half a frame. No
action will be taken if the pointer separation is already greater or equal to half a frame.
If pointer separation is less than half a frame, the command will be executed and the
data will be disrupted. Should be toggled after TSYSCLK has been applied and is
stable. Must be cleared and set again for a subsequent align. See section 14.3 for details.
RCM4
CCR6.4
Receive Channel Monitor Bit 4. MSB of a channel decode that determines which
receive channel data will appear in the RDS0M register. See Section 9 for details.
RCM3
CCR6.3
Receive Channel Monitor Bit 3.
RCM2
CCR6.2
Receive Channel Monitor Bit 2.
RCM1
CCR6.1
Receive Channel Monitor Bit 1.
RCM0
CCR6.0
Receive Channel Monitor Bit 0. LSB of the channel decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com