Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 35Page - Dallas Semiconductor DS21352 Datasheet HTML 36Page - Dallas Semiconductor DS21352 Datasheet HTML 37Page - Dallas Semiconductor DS21352 Datasheet HTML 38Page - Dallas Semiconductor DS21352 Datasheet HTML 39Page - Dallas Semiconductor DS21352 Datasheet HTML 40Page - Dallas Semiconductor DS21352 Datasheet HTML 41Page - Dallas Semiconductor DS21352 Datasheet HTML 42Page - Dallas Semiconductor DS21352 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
DS21352/DS21552
39 of 137
CCR4: COMMON CONTROL REGISTER 4 (Address=11 Hex)
(MSB)
(LSB)
RSRE
RPCSI
RFSA1
RFE
RFF
THSE
TPCSI
TIRFS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSRE
CCR4.7
Receive Side Signaling Re–Insertion Enable. See Section 10.2 for details.
0 = do not re–insert signaling bits into the data stream presented at the RSER pin
1 = reinsert the signaling bits into data stream presented at the RSER pin
RPCSI
CCR4.6
Receive Per–Channel Signaling Insert. See Section 10.2 for more details.
0 = do not use RCHBLK to determine which channels should have signaling re–inserted
1 = use RCHBLK to determine which channels should have signaling re–inserted
RFSA1
CCR4.5
Receive Force Signaling All Ones. See Section 10.2 for more details.
0 = do not force extracted robbed–bit signaling bit positions to a one
1 = force extracted robbed–bit signaling bit positions to a one
RFE
CCR4.4
Receive Freeze Enable. See Section 10.2 for details.
0 = no freezing of receive signaling data will occur
1 = allow freezing of receive signaling data at RSIG (and RSER if CCR4.7 = 1).
RFF
CCR4.3
Receive Force Freeze. Freezes receive side signaling at RSIG (and RSER if
CCR4.7=1); will override Receive Freeze Enable (RFE). See Section 10.2 for details.
0 = do not force a freeze event
1 = force a freeze event
THSE
CCR4.2
Transmit Hardware Signaling Insertion Enable. See Section 10.2 for details.
0 = do not insert signaling from the TSIG pin into the data stream presented at the
TSER pin
1 = insert signaling from the TSIG pin into data stream presented at the TSER pin
TPCSI
CCR4.1
Transmit Per–Channel Signaling Insert. See Section 10.2 for details.
0 = do not use TCHBLK to determine which channels should have signaling inserted
from TSIG
1 = use TCHBLK to determine which channels should have signaling inserted from
TSIG
TIRFS
CCR4.0
Transmit Idle Registers (TIR) Function Select. See Section 2.1 for timing details.
0 = TIRs define in which channels to insert idle code
1 = TIRs define in which channels to insert data from RSER (i.e., Per-Channel
Loopback function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com