Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 9Page - Dallas Semiconductor DS21352 Datasheet HTML 10Page - Dallas Semiconductor DS21352 Datasheet HTML 11Page - Dallas Semiconductor DS21352 Datasheet HTML 12Page - Dallas Semiconductor DS21352 Datasheet HTML 13Page - Dallas Semiconductor DS21352 Datasheet HTML 14Page - Dallas Semiconductor DS21352 Datasheet HTML 15Page - Dallas Semiconductor DS21352 Datasheet HTML 16Page - Dallas Semiconductor DS21352 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
DS21352/DS21552
13 of 137
Table 4-1 PIN DESCRIPTION SORTED BY PIN SYMBOL
PIN
SYMBOL
TYPE
DESCRIPTION
3
8MCLK
O
8.192 MHz Clock
13
8XCLK
O
Eight Times Clock
66
A0
I
Address Bus Bit 0
67
A1
I
Address Bus Bit 1
68
A2
I
Address Bus Bit 2
69
A3
I
Address Bus Bit 3
70
A4
I
Address Bus Bit 4
71
A5
I
Address Bus Bit 5
72
A6
I
Address Bus Bit 6
73
ALE (AS)/A7
I
Address Latch Enable/Address Bus Bit 7
11
BTS
I
Bus Type Select
36
CI
I
Carry In
54
CO
O
Carry Out
75
CS*
I
Chip Select
56
D0/AD0
I/O
Data Bus Bit0/ Address/Data Bus Bit 0
57
D1/AD1
I/O
Data Bus Bit1/ Address/Data Bus Bit 1
58
D2/AD2
I/O
Data Bus Bit 2/Address/Data Bus 2
59
D3/AD3
I/O
Data Bus Bit 3/Address/Data Bus Bit 3
62
D4/AD4
I/O
Data Bus Bit4/Address/Data Bus Bit 4
63
D5/AD5
I/O
Data Bus Bit 5/Address/Data Bus Bit 5
64
D6/AD6
I/O
Data Bus Bit 6/Address/Data Bus Bit 6
65
D7/AD7
I/O
Data Bus Bit 7/Address/Data Bus Bit 7
44
DVDD
–
Digital Positive Supply
81
DVDD
–
Digital Positive Supply
45
DVSS
–
Digital Signal Ground
60
DVSS
–
Digital Signal Ground
80
DVSS
–
Digital Signal Ground
84
DVSS
–
Digital Signal Ground
76
FMS
I
Framer Mode Select
61
DVDD
-
Digital Positive Supply
83
DVDD
–
Digital Positive Supply
25
INT*
O
Interrupt
4
JTCLK
I
IEEE 1149.1 Test Clock Signal
7
JTDI
I
IEEE 1149.1 Test Data Input
10
JTDO
O
IEEE 1149.1 Test Data Output
2
JTMS
I
IEEE 1149.1 Test Mode Select
5
JTRST
I
IEEE 1149.1 Test Reset
12
LIUC
I
Line Interface Connect
21
MCLK
I
Master Clock Input
55
MUX
I
Bus Operation
8
NC
–
No Connect
9
NC
–
No Connect
15
NC
–
No Connect
23
NC
–
No Connect
26
NC
–
No Connect
Table 4-1 PIN DESCRIPTION SORTED BY PIN SYMBOL (cont.)
PIN
SYMBOL
TYPE
DESCRIPTION
27
NC
–
No Connect
28
NC
–
No Connect
1
RCHBLK
O
Receive Channel Block
92
RCHCLK
O
Receive Channel Clock
6
RCL
O
Receive Carrier Loss
82
RCLK
O
Receive Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com