Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 39 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 39 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 35Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 36Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 37Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 38Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 39Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 40Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 41Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 42Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
39
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Figure 50 – LRA Drive Signal Example
The carrier frequency of VMOUT_Freq is defined as following:
VMOUT_Freq(Hz) = (MIN_Freq / HAPTRANGE)
(PWM mode)
OR
VMOUT_Freq(Hz) = (MIN_Freq / HAPTRANGE) / (HAPTTIMER +1)
(I2C mode)
If AmplitudeCode is within HAPTSQUELCH range (for more than 512/VMOUT_Freq):
VMOUT_Envelope = 0V
Else:
VMOUT_Envelope(V) = (AmplitudeCode / 127) x 1.135 * HAPTGAIN
AmplitudeCode (signed) is defined differently depending on the mode selected (PWM or I2C), see below.
Please note that whatever setting, VMOUT is physically limited to [MVDD;-MVDD], ie saturation effect.
6.3.2
PWM Mode
PWM mode is selected when HAPTMODE = 0.
In this mode, AmplitudeCode is extracted/updated at each MIN period from MIN_DutyCycle:
•
MIN_DutyCycle
≈ 0% => AmplitudeCode = -127
•
…
•
MIN_DutyCycle = 49.6% => AmplitudeCode = -1
•
MIN_DutyCycle = 50% => AmplitudeCode = 0
•
MIN_DutyCycle = 50.4% => AmplitudeCode = +1
•
…
•
MIN_DutyCycle
≈ 100% => AmplitudeCode = +127
6.3.3
I2C Mode
I2C mode is selected when HAPTMODE = 1.
In this mode, AmplitudeCode = HAPTAMP (signed, internally sampled at MIN_Freq). MIN is still used to extract
VMOUT carrier frequency.
6.4
Short-Circuit Protection
The haptics interface integrates a short-circuit protection circuit which detects when MIDD is abnormally high i.e.
above ISHORT.
Under a short-circuit event (HAPTSHORTSTAT=1) the haptics block will stop operation
(MOUTN & MOUTP grounded). When the short-circuit is removed the haptics operations will resume normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com