Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SX8674ICSTRT Datasheet HTML 1Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 2Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
1
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
GENERAL DESCRIPTION
The SX8674, SX8675 and SX8676 belong to a family
of high performance haptics enabled multitouch 4/5-
wire resistive touch screen controller with proximity
detection, optimized for hand held applications such
as mobile phones, portable music players, game
machines,
point-of-sales
terminal
and
other
consumer and industrial applications. They feature a
wide input supply range from 2.3V to 3.6V.
The
controller
computes
touch
screen
X-Y
coordinates and touch pressure with a precision, low
power 12-bit analog-digital converter.
On-chip data
averaging processing algorithms can be activated to
reduce host activity and suppress system noise. The
processing core features low power modes which
intelligently minimize current in operation as well as in
automatic shut-down.
Multitouch feature enables detection of 2 fingers on
the touchscreen and several gestures like rotation
and pinch/stretch.
A capacitive proximity detection circuit has been
integrated into the SX8674 and SX8676 to enable
host
controlled
power
management
for
battery
applications. Proximity detection above 5 cm is
possible using either the resistive touch screen as the
sensor or with a single conductive plate, with
communication to the host via the serial interface.
The SX8674 and SX8675 also integrate a haptics
motor driver for Linear Resonant Actuator (LRA) and
Eccentric Rotating Mass (ERM) micro motors with up
to 250mA drive current.
Haptics control can be
performed using either an external PWM signal or the
I2C serial interface, providing simple host interfacing
and minimizing its I/O requirement.
Integrated very high ESD protection, of up to ±15kV
on display inputs not only saves cost and board area,
but also increases application reliability.
The three devices have an ambient operating
temperature range of -40°C to +85°C, and are offere d
in both a 4mm x 4mm, 20-lead QFN package and
2.07mm x 2.07mm 19-lead CSP package for space-
conscious applications.
TYPICAL APPLICATIONS
•
Game Machines, Portable Music Players
•
Mobile Phones
•
DSC, DVR, Phones
•
POS/POI Terminals
•
Touch-Screen Monitors
ORDERING INFORMATION
KEY PRODUCT FEATURES
•
Low Voltage Operation
2.3V to 3.6V Supply
Integrated Low Drop Out (LDO) Regulator
•
Low Power Consumption
30uA@2.3V 8ksps (ESR)
0.4uA Shut-Down Current
•
4/5-Wire Touchscreen Interface
Precision, Ratiometric 12-bit ADC
Up to 5000 (X-Y) coordinates/second (c/s)
Programmable Digital Filtering/Averaging
Touch Pressure Measurement (4-Wire)
Programmable Operating Mode (Manual,
Pen Detect, Pen Trigger)
•
Capacitive Proximity Sensing (SX8674/76)
No Additional Components Required
Uses Resistive Touchscreen or a Simple
Conductive Area as the Sensor
>5 cm Detection Distance
8uA @ 200ms Scan Period
Fully Programmable (Sensitivity, etc)
•
Haptics Driver for LRA and ERM (SX8674/75)
Haptics Waveform Generation Control (I2C
or PWM Input)
Short Circuit Protection
Early
Warning
and
Over-Temperature
Monitoring and Protection
•
400kHz I2C Serial Interface
•
Several Host Operating Modes Available
Maskable Interrupt Output (NIRQ)
Real-time Events Monitoring (AUX1-3)
Polling (I2C)
•
Hardware, Software, and Power-On Reset
•
-40°C to +85°C Operating Temperature Range
•
15kV HBM & IEC ESD Protection
•
Small Footprint Packages
•
Pb & Halogen Free, RoHS/WEEE compliant
Part Number
Package
Marking
SX8674IWLTRT
QFN-20
SX8674ICSTRT
WLCSP-19
RA39
SX8675IWLTRT
QFN-20
SX8675ICSTRT
WLCSP-19
RF9E
SX8676IWLTRT
QFN-20
SX8676ICSTRT
WLCSP-19
RKL9
SX8674EVK
Evaluation Kit
-
I2C
NRST
NIRQ
SX8674
Host
Controller
MULTITOUCH
CONTROL
PROXIMITY SENSING
M
HAPTICS DRIVER


Similar Part No. - SX8674ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8674ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com