Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
9
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stress above the limits listed in the following table may cause permanent failure. Exposure to absolute ratings for
extended time periods may affect device reliability. The limiting values are in accordance with the Absolute
Maximum Rating System (IEC 134). All voltages are referenced to ground (GND).
Symbol
Description
Conditions
Min
Max
Unit
VABS
Voltage applied on any pin
- 0.5
3.9
V
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-15
(1), +/-8(2)
VESDHBM
Electrostatic handling
Human Body Model (HBM)
Other pins
+/-8
(2)
kV
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-1
VESDCDM
Electrostatic handling
Charged Device Model (CDM)
Other pins
+/-1
kV
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-250
VESDMM
Electrostatic handling
Machine Model (MM)
Other pins
+/-250
V
VESDCD
Electrostatic handling
Contact Discharge (CD)
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-15
kV
TAMB
Operating ambient temperature
-40
+85
°C
TJUN
Operating junction temperature
-40
+125
°C
TSTOR
Storage temperature
-55
+150
°C
ILAT
Latch-up current
(3)
+/-100
mA
(1) Tested to TLP (10A)
(2) Tested to JEDEC standard JESD22-A114
(3) Tested to JEDEC standard JESD78
Table 2 - Absolute Maximum Ratings
2.2
Thermal Characteristics
Symbol
Description
Conditions
Min
Max
Unit
θJAQ
Thermal Resistance Junction – Ambient
QFN package
-
-
30.5
°C/W
θJAW
Thermal Resistance Junction – Ambient
WLCSP package
-
-
29
°C/W
Table 3 – Thermal Characteristics
2.3
Electrical Specifications
Table below applies to full supply voltage and temperature range, unless otherwise specified. Typical values are
given for TA = +25°C, VDD=VDDM=3.3V.
Symbol
Description
Conditions
Min
Typ.
Max
Unit
Supply
VDD
Main supply voltage
-
2.3
-
3.6
V
OFF
(MAN mode, no command,
HAPT OFF)
-
0.4
0.75
WAIT
(PENDET/TRG mode, pen up,
PROX OFF, HAPT OFF)
-
1.7
-
TOUCH1
(PENTRG mode, pen down, X+Y,
RATE=4kcps, Nfilt=1,
POWDLY=0.5us, touchscreen
current excluded, HAPT OFF,
VDD=2.3V)
-
30
-
IDD
Main supply current
TOUCH2
(PENTRG mode, pen down, X+Y,
RATE=3kcps, Nfilt=7,
POWDLY=0.5us, touchscreen
current excluded, HAPT OFF)
-
120
160
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com