Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 49 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 49 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 45Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 46Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 47Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 48Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 49Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 50Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 51Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 52Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
49
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Bits
Variable
Default
Description
7:4
TOUCHRATE
0000
Defines the touch coordinates acquisition rate:
0000 : OFF.
0001 : 10 cps
0010 : 20 cps
0011 : 40 cps
0100 : 60 cps
0101 : 80 cps
0110 : 100 cps
0111 : 200 cps
1000 : 300 cps
1001 : 400 cps
1010 : 500 cps
1011 : 1 kcps
1100 : 2 kcps
1101 : 3 kcps
1110 : 4 kcps
1111 : 5 kcps
Values above assume typical FOSCL, else vary accordingly.
3:0
POWDLY
0000
Defines the bias settling time for each channel’s first conversion:
0000 : 0.5 us
0001 : 1.1 us
0010 : 2.2 us
0011 : 4.4 us
0100 : 8.9 us
0101 : 17.8 us
0110 : 35.5 us
0111 : 71.0 us
1000 : 142 us
1001 : 284 us
1010 : 768 us
1011 : 1.14 ms
1100 : 2.27 ms
1101 : 4.75 ms
1110 : 9.09 ms
1111 : 18.19 ms
Values above assume typical FOSCH, else vary accordingly.
Table 13 : RegTouch0 (Addr 0x00)
Bits
Variable
Default
Description
7:5
Reserved
001
4
TSTYPE
0
Defines the type of touchscreen:
0 : 4-wire
1 : 5-wire
3:2
RPNDT
00
Defines the pen detection circuit’s pull-up resistor value:
00 : 114 kOhms
01 : 228 kOhms
10 : 57 kOhms
11 : 28 kOhms
1:0
FILT
00
Defines the channel filtering algorithm:
00 : OFF (Nfilt = 1)
01 : 3 sample averaging (Nfilt = 3)
10 : 5 sample averaging (Nfilt = 5)
11 : 3 sample averaging after removal of extreme values (Nfilt = 7)
Table 14 : RegTouch1 (Addr 0x01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com