Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 17Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 18Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 19Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 20Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 21Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 22Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 23Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 24Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
21
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Figure 22 – Manual Mode – SELECT command (CHAN = Y; PROXSCANPERIOD = 0)
At the end of the conversion(s) bit CONVSTAT will be reset which will trigger NIRQ falling edge (if enabled in
RegIrqMsk). Host can then read channel data which will release NIRQ.
Please note that when the SELECT command is used, the channel is converted whatever the pen status (no pen
detection performed).
4.7.3
Pen Detect Mode (PENDET)
In pen detect mode (PENDET) the chip will only run pen detection (continuously when pen is up, regularly as
defined by TOUCHRATE when pen is down) and update PENSTAT bit in RegStat to be able to generate an
interrupt (NIRQ) upon pen detection and/or release. No (touch) conversion is performed in this mode.
To enter PENDET mode the host must set TOUCHRATE > 0 and then send PENDET command.
To quit PENDET mode and stop the touchscreen interface the host must enter MAN mode.
Figure 23 – Pen Detect Mode (RegIrqMsk[3:2] = 11 ; PROXSCANPERIOD = 0)
Please note that the next pen detection is not performed as long as NIRQ is low. If the host is too slow and
doesn’t read IrqSrc before next TOUCHRATE tick, no operation is performed and this TOUCHRATE tick is
simply ignored until next one.
4.7.4
Pen Trigger Mode (PENTRG)
In pen trigger mode (PENTRG) the chip will perform pen detection (continuously when pen is up, regularly as
defined by TOUCHRATE when pen is down) and if pen is down, will be followed by a conversion as defined in
RegChanMsk. The chip will update CONVSTAT bit in RegStat and will be able to generate an interrupt (NIRQ)
upon conversion completion. The chip will also update PENSTAT bit in RegStat and will be able to generate an
interrupt (NIRQ) upon pen detection and/or release.
The PENTRG mode offers the best compromise between power consumption and coordinate throughput. To
enter PENTRG mode the host must set TOUCHRATE > 0 and then send PENTRG command. To quit PENTRG
mode and stop the touchscreen interface the host must enter MAN mode.
Idle
Pen Detection
NIRQ
I2C Read RegIrqSrc
Pen Touch
Pen Release
PENSTAT
CONVSTAT
TOUCHRATE
tick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com