Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8674ICSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 15Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 16Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
13
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
4
TOUCHSCREEN INTERFACE
4.1
Introduction
The purpose of the touchscreen interface is to measure and extract touch information like coordinates and
pressure. This is done in two steps, first an ADC measures the analog signal coming from the screen, and then
digital processing is performed to consolidate the data.
As illustrated below the chip’s touchscreen interface is compatible with both 4-wire and 5-wire touchscreens.
Touchscreen type is defined by parameter TSTYPE.
Figure 9 – Touchscreen Interface Overview
A 4-wire resistive touch screen consists in two (resistive) conductive sheets separated by an insulator when not
pressed. Each sheet is connected through 2 electrodes at the border of the sheet. When a pressure is applied
on the top sheet, a connection with the lower sheet is established.
Figure 10 – 4-wire Touchscreen
A 5-wire resistive touch screen consists in two (resistive) conductive sheets separated by an insulator when not
pressed. 4 electrodes are connected on the 4 corners of the bottom conductive sheet. They are referred as Top
Left (TL), Top Right (TR), Bottom Left (BL) and Bottom Right (BR).
The fifth wire (WIPER) is used for sensing the top sheet voltage. When a pressure is applied on the top sheet, a
connection with the lower sheet is established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com