Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 4Page - Analog Devices AD8067ART-R2 Datasheet HTML 5Page - Analog Devices AD8067ART-R2 Datasheet HTML 6Page - Analog Devices AD8067ART-R2 Datasheet HTML 7Page - Analog Devices AD8067ART-R2 Datasheet HTML 8Page - Analog Devices AD8067ART-R2 Datasheet HTML 9Page - Analog Devices AD8067ART-R2 Datasheet HTML 10Page - Analog Devices AD8067ART-R2 Datasheet HTML 11Page - Analog Devices AD8067ART-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8067
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions VS = ±5 V (@ TA = +25°C, G = +10, RL = RF = 1 kΩ, Unless Otherwise Noted.)
FREQUENCY – MHz
28
8
10
12
14
16
18
20
22
24
26
1
10
100
G = +20
G = +10
G = +6
G = +8
VOUT = 200mV p-p
Figure 4. Small Signal Frequency Response for Various Gains
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 200mV p-p
VS = ±12V
VS = ±5V
VS = +5V
Figure 5. Small Signal Frequency Response for Various Supplies
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 2V p-p
VS = ±12V
VS = ±5V
VS = +5V
Figure 6. Large Signal Frequency Response for Various Supplies
FREQUENCY – MHz
20.7
19.8
19.9
20.0
20.1
20.2
20.3
20.4
20.5
20.6
1
10
100
VOUT = 0.2V p-p
VOUT = 0.7V p-p
VOUT = 1.4V p-p
Figure 7. 0.1 dB Flatness Frequency Response
FREQUENCY – MHz
24
14
15
16
17
18
19
20
21
22
23
1
10
100
VOUT = 200mV p-p
CL = 100pF
CL = 25pF
CL = 100pF
RSNUB = 24.9Ω
CL = 5pF
Figure 8. Small Signal Frequency Response for Various CLOAD
FREQUENCY – MHz
22
14
15
16
17
18
19
20
21
1
10
100
VOUT = 0.2V p-p, 2V p-p
VOUT = 4V p-p
Figure 9. Frequency Response for Various Output Amplitudes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com