Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 16Page - Analog Devices AD8067ART-R2 Datasheet HTML 17Page - Analog Devices AD8067ART-R2 Datasheet HTML 18Page - Analog Devices AD8067ART-R2 Datasheet HTML 19Page - Analog Devices AD8067ART-R2 Datasheet HTML 20Page - Analog Devices AD8067ART-R2 Datasheet HTML 21Page - Analog Devices AD8067ART-R2 Datasheet HTML 22Page - Analog Devices AD8067ART-R2 Datasheet HTML 23Page - Analog Devices AD8067ART-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8067
Rev. 0 | Page 20 of 24
APPLICATIONS
Wideband Photodiode Preamp
–
+
VOUT
VB
CF + CS
CD
CM
CM
RF
AD8067
RSH = 1011Ω
CS
IPHOTO
CF
RF
Figure 49. Wideband Photodiode Preamp
Figure 49 shows an I/V converter with an electrical model of a
photodiode.
The basic transfer function is:
F
F
F
PHOTO
OUT
R
sC
R
I
V
+
×
=
1
where I
PHOTO is the output current of the photodiode, and the
parallel combination of R
F and CF sets the signal bandwidth.
The stable bandwidth attainable with this preamp is a function of
R
F, the gain bandwidth product of the amplifier, and the total
capacitance at the amplifier’s summing junction, including C
S and
the amplifier input capacitance. R
F and the total capacitance
produce a pole in the amplifier’s loop transmission that can result
in peaking and instability. Adding C
F creates a zero in the loop
transmission that compensates for the pole’s effect and reduces the
signal bandwidth. It can be shown that the signal bandwidth
resulting in a 45° phase margin (f(45)) is defined by the expression:
()
S
F
45
C
R
π
GBP
f
×
×
=
2
GBP
is the unit gain bandwidth product, R
F is the feedback
resistance, and C
S is the total capacitance at the amplifier summing
junction (amplifier + photodiode + board parasitics).
The value of C
F that produces f
(45) can be shown to be:
GBP
R
π
C
C
F
S
F
×
×
=
2
The frequency response in this case will show about 2 dB of
peaking and 15% overshoot. Doubling C
F and cutting the
bandwidth in half will result in a flat frequency response, with
about 5% transient overshoot.
The preamp’s output noise over frequency is shown in Figure 50.
Contributor
Expression
RMS
Noise
(µV)1
RF × 2
57
1
2
4
2
.
×
×
×
×
f
R
kT
F
152
Amp to f1
1
f
Vnoise ×
4.3
Amp (f2–f1)
(
)
1
2
2
f
–
f
C
C
C
C
C
V
F
D
F
M
S
noise
×
+
+
+
×
96
Amp (Past f2)
(
)
57
1
3
2
.
×
×
+
+
+
×
f
C
C
C
C
C
V
F
D
F
M
S
noise
684
RSS Total
708
Table 2. RMS Noise Contributions of Photodiode Preamp
1 RMS noise with RF = 50 kΩ, CS = 0.67 pF, CF = 0.33 pF,
CM = 1.5 pF, and CD = 2.5 pF.
FREQUENCY – Hz
RF NOISE
f1
NOISE DUE TO AMPLIFIER
VEN
f2
1
2πRF(CF + CS + CM + 2C D)
f1 =
f2 =
1
2πRFCF
f3 =
GBP
(CS + CM + 2C D + CF)/CF
VEN (C F + CS + CM + 2C D)/CF
f3
Figure 50. Photodiode Voltage Noise Contributions
Figure 51 shows the AD8067 configured as a transimpedance
photodiode amplifier. The amplifier is used in conjunction with a
JDS Uniphase photodiode detector. This amplifier has a bandwidth
of 9.6 MHz as shown in Figure 52 and is verified by the design
equations shown in Figure 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com