Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 8Page - Analog Devices AD8067ART-R2 Datasheet HTML 9Page - Analog Devices AD8067ART-R2 Datasheet HTML 10Page - Analog Devices AD8067ART-R2 Datasheet HTML 11Page - Analog Devices AD8067ART-R2 Datasheet HTML 12Page - Analog Devices AD8067ART-R2 Datasheet HTML 13Page - Analog Devices AD8067ART-R2 Datasheet HTML 14Page - Analog Devices AD8067ART-R2 Datasheet HTML 15Page - Analog Devices AD8067ART-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8067
FREQUENCY – MHz
100
0.001
0.01
0.1
1
10
0.01
10
100
0.1
1
1000
Rev. 0 | Page 12 of 24
G = +10
TEMPERATURE –
°C
6.7
6.0
6.1
6.2
6.3
6.4
6.5
6.6
–40
–20
0
204060
80
VS = ±12V
VS = ±5V
VS = +5V
Figure 31. Quiescent Current vs. Temperature for Various Supply Voltages
Figure 28. Output Impedance vs. Frequency
(VCC – VOH), (VOL – VEE), VS = ±12V
RL = 1kΩ
TEMPERATURE –
°C
200
(VCC – VOH), (VOL – VEE), VS = ±5V
VOL – VEE, VS = +5V
VCC – VOH, VS = +5V
0
20
40
60
80
100
120
140
160
180
–40
–20
0
20406080
ILOAD – mA
0.30
0
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
30
35
40
VCC – VOH
VOL – VEE
Figure 32. Output Saturation Voltage vs. Temperature
Figure 29. Output Saturation Voltage vs. Output Load Current
ILOAD – mA
140
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30
35
40
VS = ±12V
VS = ±5V
VS = +5V
FREQUENCY – MHz
0
–100
–90
–80
–70
–60
–50
–10
–30
–20
–10
0.01
0.1
1
10
100
–PSRR
+PSRR
Figure 30. PSRR vs. Frequency
Figure 33. Open-Loop Gain vs. Load Current for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com