Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 11Page - Analog Devices AD8067ART-R2 Datasheet HTML 12Page - Analog Devices AD8067ART-R2 Datasheet HTML 13Page - Analog Devices AD8067ART-R2 Datasheet HTML 14Page - Analog Devices AD8067ART-R2 Datasheet HTML 15Page - Analog Devices AD8067ART-R2 Datasheet HTML 16Page - Analog Devices AD8067ART-R2 Datasheet HTML 17Page - Analog Devices AD8067ART-R2 Datasheet HTML 18Page - Analog Devices AD8067ART-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8067
Rev. 0 | Page 15 of 24
THEORY OF OPERATION
FREQUENCY – MHz
90
0
10
20
30
40
50
60
70
80
–10
120
–150
–120
–90
–60
–30
0
30
60
90
–180
0.01
0.1
1
10
100
1k
PHASE
GAIN
The AD8067 is a low noise, wideband, voltage feedback operational
amplifier that combines a precision JFET input stage with Analog
Devices’ dielectrically isolated eXtra Fast Complementary Bipolar
(XFCB) process BJTs. Operating supply voltages range from 5 V
to 24 V. The amplifier features a patented rail-to-rail output stage
capable of driving within 0.25 V of either power supply while
sourcing or sinking 30 mA. The JFET input, composed of
N-channel devices, has a common-mode input range that includes
the negative supply rail and extends to 3 V below the positive
supply. In addition, the potential for phase reversal behavior has
been eliminated for all input voltages within the power supplies.
The combination of low noise, dc precision, and high bandwidth
makes the AD8067 uniquely suited for wideband, very high input
impedance, high gain buffer applications. It will also prove useful
in wideband transimpedance applications, such as a photodiode
interface, that require very low input currents and dc precision.
Figure 41. Open-Loop Frequency Response
Basic Frequency Response
The bandwidth formula only holds true when the phase margin of
the application approaches 90°, which it will in high gain config-
urations. The bandwidth of the AD8067 used in a G = +10 buffer
is 54 MHz, considerably faster than the 30 MHz predicted by the
closed loop –3 dB frequency equation. This extended bandwidth is
due to the phase margin being at 60° instead of 90°. Gains lower
than +10 will show an increased amount of peaking, as shown in
Figure 4. For gains lower than +7, use the AD8065, a unity gain
stable JFET input op amp with a unity gain bandwidth of 145 MHz,
or refer to the Applications section for using the AD8067 in a gain
of 2 configuration.
The AD8067’s typical open-loop response (see Figure 41) shows a
phase margin of 60° at a gain of +10. Typical configurations for
noninverting and inverting voltage gain applications are shown in
Figure 40 and Figure 42.
The closed-loop frequency response of a basic noninverting gain
configuration can be approximated using the equation:
() ()
G
F
G
R
R
R
GBP
Frequency
dB
–
Loop
Closed
+
×
=
3
Gain
RG (Ω)
RF (kΩ)
BW (MHz)
10
110
1
54
20
49.9
1
15
50
20
1
6
100
10
1
3
1
+
=
G
F /R
R
Gain
DC
GBP is the gain bandwidth product of the amplifier. Typical GBP
for the AD8067 is 300 MHz. See Table 1 for recommended values
of RG and RF.
Table 1. Recommended Values of RG and RF
1
R
R
Gain
Noise
ion
Configurat
ng
Noninverti
G
F
+
=
+VS
AD8067
+
–
RX
RLOAD
+
VOUT
–
RF
10
µF
0.1
µF
10
µF
0.1
µF
–VS
RG
RS
SIGNAL
SOURCE
VI
FOR BEST PERFORMANCE, SET RX = (RS + RG) || RF
+
+
+VS
AD8067
+
–
RX
RLOAD
+
VOUT
–
RF
FOR BEST PERFORMANCE,
SET RS + RX = RG || RF
10
µF
0.1
µF
10
µF
+
0.1
µF
RG
RS
SIGNAL
SOURCE
–VS
VI
+
Figure 40. Noninverting Gain Configuration
Figure 42. Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com