Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 16Page - Analog Devices AD8067ART-R2 Datasheet HTML 17Page - Analog Devices AD8067ART-R2 Datasheet HTML 18Page - Analog Devices AD8067ART-R2 Datasheet HTML 19Page - Analog Devices AD8067ART-R2 Datasheet HTML 20Page - Analog Devices AD8067ART-R2 Datasheet HTML 21Page - Analog Devices AD8067ART-R2 Datasheet HTML 22Page - Analog Devices AD8067ART-R2 Datasheet HTML 23Page - Analog Devices AD8067ART-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8067
Rev. 0 | Page 22 of 24
M 50ns CH1 288mV
CH1 200mV
CH2 200mV
T
VIN
VOUT
Reference network:
() 2
3
2
2
1
3
C
R
||
R
Bandwidth
dB
V REF
π
=
−
+
Resistors R4 and R1 set the gain, in this case an inverting gain of 10
was selected. In this application, the input and output bandwidths
were set for approximately 10 Hz. The reference network was set for
a tenth of the input and output bandwidth, at approximately 1 Hz.
AD8067
C4
0.1
µF
C3
10
µF
+5V
R4
2.7k
Ω
R1
300
Ω
R3
30k
Ω
R2
70k
Ω
RL
1k
Ω
C5
15
µF V
OUT
1
2
3
4
5
VIN
C1
47
µF
C2
6.8
µF
+5V
Figure 55. Gain of 2 Pulse Response
Single-Supply Operation
The AD8067 is well suited for low voltage single-supply
applications, given its N-channel JFET input stage and rail-to-rail
output stage. It is fully specified for 5 V supplies. Successful single-
supply applications require attention to keep signal voltages within
the input and output headroom limits of the amplifier. The input
stage headroom extends to 1.7 V (minimum) on a 5 V supply. The
center of the input range is 0.85 V. The output saturation limit
defines the hard limit of the output headroom. This limit depends
on the amount of current the amplifier is sourcing or sinking, as
shown in Figure 29.
Figure 56. Single-Supply Operation Schematic
High Gain, High Bandwidth Composite
Amplifier
Traditionally, an offset voltage is introduced in the input network
replacing ground as a reference. This allows the output to swing
about a dc reference point, typically midsupply. Attention to the
required headroom of the amplifier is important, in this case the
required headroom from the positive supply is 3 V; therefore 1.5 V
was selected as a reference, which allows for a 100 mV signal at the
input. Figure 56 shows the AD8067 configured for 5 V supply
operation with a reference voltage of 1.5 V. Capacitors C1 and C5
ac-couple the signal into an out of the amplifier and partially
determine the bandwidth of the input and output structures.
The composite amplifier takes advantage of combining key
parameters that may otherwise be mutually exclusive of a
conventional single amplifier. For example, most precision
amplifiers have good dc characteristics but lack high speed ac
characteristics. Composite amplifiers combine the best of both
amplifiers to achieve superior performance over their single op
amp counterparts. The AD8067 and the AD8009 are well suited for
a composite amplifier circuit, combining dc precision with high
gain and bandwidth. The circuit runs off a ±5 V power supply at
approximately 20 mA of bias current. With a gain of approximately
40 dB, the composite amplifier offers <1 pA input current, a gain
bandwidth product of 6.1 GHz, and a slew rate of 630 V/µsec.
1
1
2
1
3
C
R
Bandwidth
dB
–
VINPUT
π
=
5
2
1
3
C
R
Bandwidth
dB
–
V
L
OUTPUT
π
=
Resistors R2 and R3 set a 1.5 V output bias point for the output
signal to swing about. It is critical to have adequate bypassing to
provide a good ac ground for the reference voltage. Generally the
bandwidth of the reference network (R2, R3, and C2) is selected to
be one tenth that of the input bandwidth. This ensures that any
frequencies below the input bandwidth do not pass through the
reference network into the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com