Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8067ART-R2 Datasheet HTML 1Page - Analog Devices AD8067ART-R2 Datasheet HTML 2Page - Analog Devices AD8067ART-R2 Datasheet HTML 3Page - Analog Devices AD8067ART-R2 Datasheet HTML 4Page - Analog Devices AD8067ART-R2 Datasheet HTML 5Page - Analog Devices AD8067ART-R2 Datasheet HTML 6Page - Analog Devices AD8067ART-R2 Datasheet HTML 7Page - Analog Devices AD8067ART-R2 Datasheet HTML 8Page - Analog Devices AD8067ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8067
Rev. 0 | Page 3 of 24
FIGURES
Figure 1. Connection Diagram (Top View)..........................................1
Figure 2. Small Signal Frequency Response .........................................1
Figure 3. Maximum Power Dissipation vs. Temperature for
a 4-Layer Board ...............................................................................7
Figure 4. Small Signal Frequency Response for Various Gains .........8
Figure 5. Small Signal Frequency Response for Various Supplies.....8
Figure 6. Large Signal Frequency Response for Various Supplies.....8
Figure 7. 0.1 dB Flatness Frequency Response ...................................8
Figure 8. Small Signal Frequency Response for Various CLOAD .........8
Figure 9. Frequency Response for Various Output Amplitudes ........8
Figure 10. Small Signal Frequency Response for Various RF .............9
Figure 11. Distortion vs. Frequency for Various Loads ......................9
Figure 12. Distortion vs. Frequency for Various Amplitudes.............9
Figure 13. Open-Loop Gain and Phase ................................................9
Figure 14. Distortion vs. Frequency for Various Supplies ..................9
Figure 15. Distortion vs. Output Amplitude for Various Loads ........9
Figure 16. Small Signal Transient Response 5 V Supply...................10
Figure 17. Output Overdrive Recovery...............................................10
Figure 18. Long-Term Settling Time ...................................................10
Figure 19. Small Signal Transient Response ± 5 V Supply ...............10
Figure 20. Large Signal Transient Response.......................................10
Figure 21. 0.1% Short-Term Settling Time........................................10
Figure 22. Input Bias Current vs. Temperature..................................11
Figure 23. Input Offset Voltage Histogram ........................................11
Figure 24. Voltage Noise........................................................................11
Figure 25. Input Bias Current vs. Common-Mode Voltage..............11
Figure 26. Input Offset Voltage vs. Common-Mode Voltage ...........11
Figure 27. CMRR vs. Frequency ..........................................................11
Figure 28. Output Impedance vs. Frequency .....................................12
Figure 29. Output Saturation Voltage vs. Output Load Current......12
Figure 30. PSRR vs. Frequency.............................................................12
Figure 31. Quiescent Current vs. Temperature for Various
Supply Voltages..............................................................................12
Figure 32. Output Saturation Voltage vs. Temperature .................... 12
Figure 33. Open-Loop Gain vs. Load Current for Various
Supplies.......................................................................................... 12
Figure 34. Standard Test Circuit.......................................................... 13
Figure 35. Open-Loop Gain Test Circuit ........................................... 13
Figure 36. Test Circuit for Capacitive Load ....................................... 13
Figure 37. CMRR Test Circuit ............................................................. 14
Figure 38. Positive PSRR Test Circuit................................................. 14
Figure 39. Output Impedance Test Circuit ........................................ 14
Figure 40. Noninverting Gain Configuration ................................... 15
Figure 41. Open-Loop Frequency Response .................................... 15
Figure 42. Inverting Gain Configuration........................................... 15
Figure 43. Input and Board Capacitances.......................................... 16
Figure 44. Op Amp DC Error Sources .............................................. 17
Figure 45. Simplified Input Schematic ............................................. 17
Figure 46 Current Limiting Resistor .................................................. 18
Figure 47. Guard-Ring Configurations .............................................. 18
Figure 48. Guard-Ring Layout SOT-23-5 .......................................... 18
Figure 49. Wideband Photodiode Preamp......................................... 20
Figure 50. Photodiode Voltage Noise Contributions ....................... 20
Figure 51. Photodiode Preamplifier ................................................... 21
Figure 52. Photodiode Preamplifier Frequency Response .............. 21
Figure 53. Photodiode Preamplifier Pulse Response ....................... 21
Figure 54. Gain of Less than 2 Schematic .......................................... 21
Figure 55. Gain of 2 Pulse Response .................................................. 22
Figure 56. Single-Supply Operation Schematic ................................ 22
Figure 57. AD8067/AD8009 Composite ........................................... 23
Figure 58. Gain Bandwidth Response ................................................ 23
Figure 59. Large Signal Response........................................................ 23
Figure 60. Small Signal Response........................................................ 23
Figure 61. 5-Lead Plastic Surface Mount Package ........................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com