Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 10Page - STMicroelectronics STLC2500 Datasheet HTML 11Page - STMicroelectronics STLC2500 Datasheet HTML 12Page - STMicroelectronics STLC2500 Datasheet HTML 13Page - STMicroelectronics STLC2500 Datasheet HTML 14Page - STMicroelectronics STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
STLC2500
14/23
7.7.3
NO CONNECTION
If the Host places the UART in low power and there is no activity, then the STLC2500 can be placed in
Deep Sleep Mode. In this mode (no connection), the Host can also decide to put the STLC2500 in Com-
plete Power Down to further reduce the power consumption. In this case some part of the STLC2500 will
be completely powered off. It's possible to exit the Complete Power Down by using one of the two methods
explained in 7.8. The request to quit the Complete Power Down may be done with an HW reset or it may
come from the Host.
7.7.4
ACTIVE LINK
When there is an active link (SCO or ACL), the STLC2500 can go neither in Deep Sleep Mode nor in Com-
plete Power Down whatever the UART state is. But the STLC2500 baseband is made such that whenever
it is possible, depending on the scheduled activity (number of link, type of link, amount of data exchanged),
it goes in Sleep Mode.
7.8
SW initiated low power mode
During periods of no activity either on the Bluetooth or on the Host side, the chip can be placed in low
power mode. Two modes to initiate low power mode and to wake up are supported (selection is done
through pin configuration, see table 15):
1 [Initiated Low power, mode 1] It requires HOST_WAKEUP, UART_RXD (connected with
BT_WAKEUP, the two paths will be physically connected on the board) and UART_RTS. The
UART_RXD is used as wakeup signal from the host, the HOST_WAKEUP requires the clock from
the Host and the UART_RTS indicates when the controller is available. In this mode, the break func-
tion (UART_RXD is low for more than 1 word) is used to distinguish between normal operation and
low power mode usage.
The system goes in low power mode in this way: the Host tells the Bluetooth device that it can go in
low power by forcing the UART_RXD of the Bluetooth device to '0' for more than 1 word. Then, the
device can decide whether to go in low power mode or not depending on its scheduled activity. In
case it decides to go in low power mode, it signals it by forcing UART_RTS high; then it asserts
HOST_WAKEUP low to tell the Host that it does not need the clock anymore. The Bluetooth base-
band cannot go in sleep mode by itself. This is a logical consequence of the fact that the system clock
is needed to receive characters on the UART and only the Host can stop the UART link.
- The system wakes up in this way: the Bluetooth baseband first asks the Host to restart the system
clock by setting HOST_WAKEUP to '1'. When the clock is available, the device sets UART_RTS low,
and then the Host can give confirmation by releasing the UART_RXD of the device. In case the Host
wants to wake up the chip, it sets the UART_RXD pin of the Bluetooth device to '1'. The device then
confirms it is awake by releasing UART_RTS to '0'.
2 [Initiated Low power, mode 2] It requires HOST_WAKEUP, BT_WAKEUP, UART_RTS and
UART_CTS. The wakeup is always initiated by HOST_WAKEUP or BT_WAKEUP signal (the peer
acknowledges the request). UART_RTS and UART_CTS are placed at the value for which they block
the UART communication.
- The system goes in low power in this way: the Host sets BT_WAKEUP to '0', telling the Bluetooth
device that it can go in low power. The device can decide whether to go in low power mode or not
depending on its scheduled activity. If it decides to go in low power it first asserts UART_RTS pin to
'1' and then it sets HOST_WAKEUP to '0' to tell the Host that it does not need the system clock any-
more. The Host confirms by setting UART_CTS to '1' and by stopping the clock.
- The system wakes up in this way: the Bluetooth device sets HOST_WAKEUP to '1' to tell the Host
that it needs the clock. The Host delivers the clock, when the device is ready it releases UART_RTS
to '0'. Then the Host confirms by asserting BT_WAKEUP to '1' and by releasing UART_CTS to '1'. If
the Host wakes up first, it tells it to the Bluetooth device by setting BT_WAKEUP to '1'. The Bluetooth
device sets HOST_WAKEUP to '1' and then UART_RTS and UART_CTS are released by device and
Host respectively to tell they are ready to start communicating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com