Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 14Page - STMicroelectronics STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics STLC2500 Datasheet HTML 19Page - STMicroelectronics STLC2500 Datasheet HTML 20Page - STMicroelectronics STLC2500 Datasheet HTML 21Page - STMicroelectronics STLC2500 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
STLC2500
18/23
Figure 6. Linear mode
Figure 7. Multi-slot operation
The PCM implementation supports from 1 up to 3 slots per frame with the following parameters:
Table 21. PCM interface parameters
Symbol
Description
Min.
Typ.
Max.
Unit
PCM Interface
FPCM_CLK
Frequency of PCM_CLK
140
4000
kHz
FPCM_SYNC Frequency of PCM_SYNC
8
kHz
Psync_delay
Delay of the starting of the first slot
0
255
cycles
Pclk_number
Available PCM_CLK clock cycles
0
255
cycles
Ss
Slot starts (programmable for every slot)
0
255
cycles
D
Data size
8
16
bit
N
Number of slots per frame
1
3
0
1
15
PCM_CLK
125 µs
PCM_SYNC
PCM_A
PCM_B
0
1
15
PCM_CLK
125
µs
PCM_SYNC
PCM_A
PCM_B
DATA SIZE
P_SYNC_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com